Electronic Components Datasheet Search
  English  ▼

X  

XC9503 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9503
Description  2ch.Step-Down DC/DC Controller ICs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9503 Datasheet HTML 1Page - Torex Semiconductor XC9503 Datasheet HTML 2Page - Torex Semiconductor XC9503 Datasheet HTML 3Page - Torex Semiconductor XC9503 Datasheet HTML 4Page - Torex Semiconductor XC9503 Datasheet HTML 5Page - Torex Semiconductor XC9503 Datasheet HTML 6Page - Torex Semiconductor XC9503 Datasheet HTML 7Page - Torex Semiconductor XC9503 Datasheet HTML 8Page - Torex Semiconductor XC9503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4/32
XC9503 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Voltage
VDD
2.0
-
10.0
V
①
Maximum Input Voltage
VIN
10.0
-
-
V
①
VOUT1
0.9
-
10.0
V
Output Voltage Range (* 1)
VOUTSET
VIN≧2.0V, IOUT1, 2=1mA
VOUT2
0.9
-
10.0
V
①
Supply Current 1
IDD1
FB1, 2=0V
-
60
120
μ
A
②
EN1=3.0V, EN2=0V, FB1=0V
Supply Current 1-1
IDD1-1
EN2=3.0V, EN1=0V, FB2=0V
-
50
110
μ
A
②
FB1=0V, FB2=1.0V
Supply Current 1-2
IDD1-2
FB1=1.0V, FB2=0V
-
60
130
μ
A
②
Supply Current 2
IDD2
FB1, 2=1.0V
-
60
140
μ
A
②
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
1.0
3.0
μ
A
②
Switching Frequency
FOSC
Same as IDD1
153
180
207
kHz
②
EN1, 2 "High" Voltage
VENH
FB1, 2=0V
0.65
-
-
V
②
EN1, 2 "Low" Voltage
VENL
FB1, 2=0V
-
-
0.20
V
②
EN1, 2 "High" Current
IENH
EN1, 2=3.0V
-
-
0.50
μ
A
②
EN1, 2 "Low" Current
IENL
EN1, 2=0V, FB1, 2=3.0V
-
-
-0.50
μ
A
②
PWM1, 2 "High" Current
IPWMH
FB1, 2=3.0V, PWM=3.0V
-
-
0.50
μ
A
②
PWM1, 2 "Low" Current
IPWML
FB1, 2=3.0V, PWM=0V
-
-
-0.50
μ
A
②
FB1, 2 "High" Current
IFBH
FB1, 2=3.0V
-
-
0.50
μ
A
②
FB1, 2 "Low" Current
VFBL
FB1, 2=1.0V
-
-
-0.50
μ
A
②
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB1 Voltage
VFB1
VIN=3.0V, IOUT1=10mA
0.882
0.900
0.918
V
③
Minimum Operation Voltage
VINmin1
-
-
2.0
V
①
Maximum Duty Ratio 1
MAXDTY1
Same as IDD1
100
-
-
%
②
Minimum Duty Ratio1
MINDTY1
Same as IDD2
-
-
0
%
②
PFM Duty Ratio 1
PFMDTY1
No Load, VPWM1=0V
22
30
38
%
④
Efficiency1 (* 4)
EFFI1
IOUT1=250mA
P-ch MOSFET: XP162A12A6P
-
92
-
%
④
Soft-Start Time1
TSS1
VOUT1×0.95V, EN1=0V→0.65V
5.0
10.0
20.0
ms
④
EXT1 "High" ON Resistance
REXTBH1
EN1=0, EXT1=VDD-0.4V
-
28
47
Ω
⑤
EXT1 "Low" ON Resistance
REXTBL1
FB2=0V, EXT1=0.4V
-
22
30
Ω
⑤
PWM1 "High" Voltage
VPWMH1
No Load
0.65
-
-
V
④
PWM1 "Low" Voltage
VPWML1
No Load
-
-
0.20
V
④
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB2 Voltage
VFB2
VIN=3.0V, IOUT2=10mA
0.882
0.900
0.918
V
⑥
Minimum Operating Voltage
VINmin2
-
-
2.0
V
①
Maximum Duty Ratio 2
MAXDTY2
Same as IDD1
100
-
-
%
②
Minimum Duty Ratio 2
MINDTY2
Same as IDD2
-
-
0
%
②
PFM Duty Ratio 2
PFMDTY2
No Load, VPWM2=0V
22
30
38
%
⑦
Efficiency 1 (* 2)
EFFI2
IOUT2=250mA
P-ch MOSFET: XP162A12A6P
-
92
-
%
⑦
Soft-Start Time 1
TSS2
VOUT2×0.95V, EN2=0V→0.65V
5.0
10.0
20.0
ms
⑦
EXT1 "High" ON Resistance
REXTBH2
EN2=0, EXT2=VDD-0.4V
-
28
47
Ω
⑤
EXT1 "Low" ON Resistance
REXTBL2
FB2=0V, EXT2=0.4V
-
22
30
Ω
⑤
PWM 2 "High" Voltage
VPWMH2
No Load
0.65
-
-
V
⑦
PWM 2 "Low" Voltage
VPWML2
No Load
-
-
0.20
V
⑦
■
ELECTRICAL CHARACTERISTICS
Common Characteristics
Output 1 Characteristics
Unless otherwise stated, VDD=3.0V, PWM1, 2=3.0V, EN1, 2 =3.0V
Output 2 Characteristics
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=5.0V
NOTE:
Step-Down Controller
XC9503B092A
Unless otherwise stated, VDD=EN1=PWM1=3.0V, PWM2=EN2=GND, EXT2=OPEN, FB2=OPEN, VIN=5.0V
Ta=25℃
Step-Down Controller
*1: Please be careful not to exceed the breakdown voltage level of the peripheral parts.
*2: EFFI={ [ (output voltage) × (output current) ] / [ (input voltage) × (input current) ] } × 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com