Electronic Components Datasheet Search
  English  ▼

X  

TL780 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL780
Description  POSITIVE-VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780 Datasheet(HTML) 4 Page - Texas Instruments

  TL780 Datasheet HTML 1Page - Texas Instruments TL780 Datasheet HTML 2Page - Texas Instruments TL780 Datasheet HTML 3Page - Texas Instruments TL780 Datasheet HTML 4Page - Texas Instruments TL780 Datasheet HTML 5Page - Texas Instruments TL780 Datasheet HTML 6Page - Texas Instruments TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments TL780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055M – APRIL 1981 – REVISED OCTOBER 2006
at specified virtual junction temperature, V
I = 19 V, IO = 500 mA (unless otherwise noted)
TL780-12C
PARAMETER
TEST CONDITIONS
TJ(1)
UNIT
MIN
TYP
MAX
25
°C
11.88
12
12.12
IO = 5 mA to 1 A, P ≤ 15 W,
Output voltage
V
VI = 14.5 V to 27 V
0
°C to 125°C
11.76
12.24
VI = 14.5 V to 30 V
1.2
12
Input voltage regulation
25
°C
mV
VI = 16 V to 22 V
1.2
12
Ripple rejection
VI = 15 V to 25 V, f = 120 Hz
0
°C to 125°C
65
80
dB
IO = 5 mA to 1.5 A
6.5
60
Output voltage regulation
25
°C
mV
IO = 250 mA to 750 mA
2.5
36
Output resistance
f = 1 kHz
0
°C to 125°C
0.0035
Temperature coefficient of
IO = 5 mA
0
°C to 125°C
0.6
mV/
°C
output voltage
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
180
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Input bias current
25
°C
5.5
8
mA
VI = 14.5 V to 30 V
0.4
1.3
Input bias-current change
0
°C to 125°C
mA
IO = 5 mA to 1 A
0.03
0.5
Short-circuit output current
25
°C
350
mA
Peak output current
25
°C
2.2
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.22-µF capacitor across
the output.
at specified virtual junction temperature, V
I = 23 V, IO = 500 mA (unless otherwise noted)
TL780-15C
PARAMETER
TEST CONDITIONS
TJ(1)
UNIT
MIN
TYP
MAX
25
°C
14.85
15
15.15
IO = 5 mA to 1 A, P ≤ 15 W,
Output voltage
V
VI = 17.5 V to 30 V
0
°C to 125°C
14.7
15.3
VI = 17.5 V to 30 V
1.5
15
Input voltage regulation
25
°C
mV
VI = 20 V to 26 V
1.5
15
Ripple rejection
VI = 18.5 V to 28.5 V, f = 120 Hz
0
°C to 125°C
60
75
dB
IO = 5 mA to 1.5 A
7
75
Output voltage regulation
25
°C
mV
IO = 250 mA to 750 mA
2.5
45
Output resistance
f = 1 kHz
0
°C to 125°C
0.0035
Temperature coefficient of
IO = 5 mA
0
°C to 125°C
0.62
mV/
°C
output voltage
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
225
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Input bias current
25
°C
5.5
8
mA
VI = 17.5 V to 30 V
0.4
1.3
Input bias-current change
0
°C to 125°C
mA
IO = 5 mA to 1 A
0.02
0.5
Short-circuit output current
25
°C
230
mA
Peak output current
25
°C
2.2
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.22-µF capacitor across
the output.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com