Electronic Components Datasheet Search
  English  ▼

X  

TL780 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL780
Description  POSITIVE-VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780 Datasheet(HTML) 2 Page - Texas Instruments

  TL780 Datasheet HTML 1Page - Texas Instruments TL780 Datasheet HTML 2Page - Texas Instruments TL780 Datasheet HTML 3Page - Texas Instruments TL780 Datasheet HTML 4Page - Texas Instruments TL780 Datasheet HTML 5Page - Texas Instruments TL780 Datasheet HTML 6Page - Texas Instruments TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments TL780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
COMMON
OUTPUT
INPUT
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055M – APRIL 1981 – REVISED OCTOBER 2006
SCHEMATIC
over operating temperature ranges (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage
35
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JP
(2)
θ
JC
θ
JA
PowerFLEX (KTE)
High K, JESD 51-5
2.7
°C/W
11.6
°C/W
23.3
°C/W
TO-220 (KC/KCS)
High K, JESD 51-5
3
°C/W
17
°C/W
19
°C/W
TO-263 (KTT)
High K, JESD 51-5
1.91
°C/W
18
°C/W
25.3
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in
individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may be activated at power
levels slightly above or below the rated dissipation.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, or PowerFLEX,
θ
JP is defined as the thermal resistance between
the die junction and the bottom of the exposed pad.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com