Electronic Components Datasheet Search
  English  ▼

X  

TL780 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL780
Description  POSITIVE-VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL780 Datasheet HTML 2Page - Texas Instruments TL780 Datasheet HTML 3Page - Texas Instruments TL780 Datasheet HTML 4Page - Texas Instruments TL780 Datasheet HTML 5Page - Texas Instruments TL780 Datasheet HTML 6Page - Texas Instruments TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments TL780 Datasheet HTML 9Page - Texas Instruments TL780 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
V
O
GND
V
I
+
COMMON
INPUT
OUTPUT
TL780-xx
I
L
I
O
OUTPUT
R1
0.33 F
µ
C1
INPUT
TL780-xx
V (Reg)
O
I = (V /R1) + I Bias Current
O
O
O
Operation With a Load Common to a Voltage of Opposite Polarity
V
I
Equivalent
or
1N4001
–V
O
V
O
TL780-xx
Reverse-Bias Protection
V
O
V
I
TL780-xx
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055M – APRIL 1981 – REVISED OCTOBER 2006
Figure 2. Positive Regulator in Negative Configuration (VI Must Float)
Figure 3. Current Regulator
In many cases, a regulator powers a load that is not connected to ground, but instead, is connected to a voltage
source of opposite polarity (e.g., operational amplifiers, level-shifting circuits, etc.). In these cases, a clamp diode
should be connected to the regulator output as shown in Figure 4. This protects the regulator from output
polarity reversals during startup and short-circuit operation.
Figure 4. Output Polarity-Reversal-Protection Circuit
Occasionally, the input voltage to the regulator can collapse faster than the output voltage. This, for example,
could occur when the input supply is crowbarred during an output overvoltage condition. If the output voltage is
greater than approximately 7 V, the emitter-base junction of the series pass element (internal or external) could
break down and be damaged. To prevent this, a diode shunt can be employed, as shown in Figure 5.
Figure 5. Reverse-Bias-Protection Circuit
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com