Electronic Components Datasheet Search
  English  ▼

X  

TL780 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL780
Description  POSITIVE-VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780 Datasheet(HTML) 1 Page - Texas Instruments

  TL780 Datasheet HTML 1Page - Texas Instruments TL780 Datasheet HTML 2Page - Texas Instruments TL780 Datasheet HTML 3Page - Texas Instruments TL780 Datasheet HTML 4Page - Texas Instruments TL780 Datasheet HTML 5Page - Texas Instruments TL780 Datasheet HTML 6Page - Texas Instruments TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments TL780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
KTE PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
KTT (TO-263) PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
KC (TO-220) PACKAGE
(TOP VIEW)
COMMON
OUTPUT
INPUT
COMMON
OUTPUT
KCS (TO-220) PACKAGE
(TOP VIEW)
INPUT
DESCRIPTION/ORDERING INFORMATION
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055M – APRIL 1981 – REVISED OCTOBER 2006
•
±1% Output Tolerance at 25°C
•
Internal Short-Circuit Current Limiting
•
±2% Output Tolerance Over Full Operating
•
Pinout Identical to
µA7800 Series
Range
•
Improved Version of
µA7800 Series
•
Thermal Shutdown
Each fixed-voltage precision regulator in the TL780 series is capable of supplying 1.5 A of load current. A unique
temperature-compensation technique, coupled with an internally trimmed band-gap reference, has resulted in
improved accuracy when compared to other three-terminal regulators. Advanced layout techniques provide
excellent line, load, and thermal regulation. The internal current-limiting and thermal-shutdown features
essentially make the devices immune to overload.
ORDERING INFORMATION
VO TYP
TOP-SIDE
TJ
PACKAGE(1)
ORDERABLE PART NUMBER
(V)
MARKING
PowerFLEX™ – KTE
Reel of 2000
TL780-05CKTER
TL780-05C
TO-220 – KC
Tube of 50
TL780-05CKC
TL780-05C
5
TO-220, short shoulder – KCS
Tube of 20
TL780-05KCS
TL780-05
TO-263 – KTT
Reel of 500
TL780-05CKTTR
TL780-05C
0
°C to 125°C
TO-220 – KC
Tube of 50
TL780-12CKC
TL780-12C
12
TO-220, short shoulder – KCS
Tube of 20
TL780-12KCS
TL780-12
TO-220 – KC
Tube of 50
TL780-15CKC
TL780-15C
15
TO-220, short shoulder – KCS
Tube of 20
TL780-15KCS
TL780-15
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1981–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL780

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL780 TI-TL780 Datasheet
134Kb / 8P
POSITIVE-VOLTAGE REGULATORS
TL780 TI-TL780 Datasheet
571Kb / 14P
POSITIVE-VOLTAGE REGULATORS
TL780 TI2-TL780 Datasheet
404Kb / 16P
POSITIVE-VOLTAGE REGULATORS
REVISED OCTOBER 2006
TL780-05 TI-TL780-05 Datasheet
134Kb / 8P
POSITIVE-VOLTAGE REGULATORS
TL780-05 TI-TL780-05 Datasheet
571Kb / 14P
POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - TL780

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com