Electronic Components Datasheet Search
  English  ▼

X  

TLV5627CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV5627CPWR
Description  2.7-V T0 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS ‘WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5627CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV5627CPWR Datasheet HTML 10Page - Texas Instruments TLV5627CPWR Datasheet HTML 11Page - Texas Instruments TLV5627CPWR Datasheet HTML 12Page - Texas Instruments TLV5627CPWR Datasheet HTML 13Page - Texas Instruments TLV5627CPWR Datasheet HTML 14Page - Texas Instruments TLV5627CPWR Datasheet HTML 15Page - Texas Instruments TLV5627CPWR Datasheet HTML 16Page - Texas Instruments TLV5627CPWR Datasheet HTML 17Page - Texas Instruments TLV5627CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TLV5627C, TLV5627I
2.7V TO 5.5V 8BIT 4CHANNEL DIGITALTOANALOG CONVERTERS
WITH POWER DOWN
SLAS232A − JUNE1999 − REVISED JULY 2002
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
In power-down mode, all amplifiers within the TLV5627 are disabled. A particular DAC (A, B, C, D) of the
TLV5627 is selected by A1 and A0 within the input word.
A1
A0
DAC
0
0
A
0
1
B
1
0
C
1
1
D
TLV5627 interfaced to TMS320C203 DSP
hardware interfacing
Figure 17 shows an example of how to connect the TLV5627 to a TMS320C203 DSP. The serial port is
configured in burst mode, with FSX generated by the TMS320C203 to provide the frame sync (FS) input to the
TLV5627. Data is transmitted on the DX line, with the serial clock input on the CLKX line. The general-purpose
input/output port bits IO0 and IO1 are used to generate the chip select ( CS ) and DAC latch update ( LDAC )
inputs to the TLV5627. The active low power down ( PD ) is pulled high all the time to ensure the DACs are
enabled.
DX
CLKX
FSX
I/O 0
I/O 1
TMS320C203
SDIN
SCLK
FS
CS
LDAC
REF
VDD
PD
VOUTA
VOUTB
VOUTC
VOUTD
VSS
TLV5627
REFINAB
REFINCD
Figure 17. TLV5627 Interfaced with TMS320C203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com