Electronic Components Datasheet Search
  English  ▼

X  

TLV5627CPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5627CPWR
Description  2.7-V T0 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS ‘WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5627CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLV5627CPWR Datasheet HTML 1Page - Texas Instruments TLV5627CPWR Datasheet HTML 2Page - Texas Instruments TLV5627CPWR Datasheet HTML 3Page - Texas Instruments TLV5627CPWR Datasheet HTML 4Page - Texas Instruments TLV5627CPWR Datasheet HTML 5Page - Texas Instruments TLV5627CPWR Datasheet HTML 6Page - Texas Instruments TLV5627CPWR Datasheet HTML 7Page - Texas Instruments TLV5627CPWR Datasheet HTML 8Page - Texas Instruments TLV5627CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLV5627C, TLV5627I
2.7V TO 5.5V 8BIT 4CHANNEL DIGITALTOANALOG CONVERTERS
WITH POWER DOWN
SLAS232A − JUNE1999 − REVISED JULY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Four 8-Bit D/A Converters
D Programmable Settling Time
of 2.5
µs or 8.5 µs Typ
D TMS320, (Q)SPI, and Microwire
Compatible Serial Interface
D Low Power Consumption:
7 mW, Slow Mode − 5-V Supply
3 mW, Slow Mode − 3-V Supply
D Reference Input Buffers
D Monotonic Over Temperature
D Dual 2.7-V to 5.5-V Supply (Separate Digital
and Analog Supplies)
D Hardware Power Down
D Software Power Down
D Simultaneous Update
applications
D Battery Powered Test Instruments
D Digital Offset and Gain Adjustment
D Industrial Process Controls
D Machine and Motion Control Devices
D Arbitrary Waveform Generation
description
The TLV5627 is a four channel, 8-bit voltage
output digital-to-analog converter (DAC) with a
flexible 4-wire serial interface. The 4-wire serial
interface allows glueless interface to TMS320,
SPI, QSPI, and Microwire serial ports. The
TLV5627 is programmed with a 16-bit serial word
comprised of a DAC address, individual DAC
control bits, and an 8-bit DAC value.
The device has provision for two supplies: one
digital supply for the serial interface (via pins
DVDD and DGND), and one for the DACs,
reference buffers and output buffers (via pins AVDD and AGND). Each supply is independent of the other, and
can be any value between 2.7 V and 5.5 V. The dual supplies allow a typical application where the DAC will be
controlled via a microprocessor operating on a 3-V supply (also used on pins DVDD and DGND), with the DACs
operating on a 5-V supply. The digital and analog supplies can be tied together.
The resistor string output voltage is buffered by an x2 gain rail-to-rail output buffer. The buffer features a
Class AB output stage to improve stability and reduce settling time. A rail-to-rail output stage and a power-down
mode make it ideal for single voltage, battery based applications. The settling time of the DAC is programmable
to allow the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits
within the 16-bit serial input string. A high-impedance buffer is integrated on the REFINAB and REFINCD
terminals to reduce the need for a low source impedance drive to the terminal. REFINAB and REFINCD allow
DACs A and B to have a different reference voltage than DACs C and D.
The device, implemented with a CMOS process, is available in 16-terminal SOIC and TSSOP packages. The
TLV5627C is characterized for operation from 0
°C to 70°C. The TLV5627I is characterized for operation from
−40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DVDD
PD
LDAC
DIN
SCLK
CS
FS
DGND
AVDD
REFINAB
OUTA
OUTB
OUTC
OUTD
REFINCD
AGND
(TOP VIEW)
D OR PW PACKAGE
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.


Similar Part No. - TLV5627CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5627CPWR TI1-TLV5627CPWR Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627CPWRG4 TI1-TLV5627CPWRG4 Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLV5627CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com