Electronic Components Datasheet Search
  English  ▼

X  

TLV5627CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV5627CPWR
Description  2.7-V T0 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS ‘WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5627CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV5627CPWR Datasheet HTML 11Page - Texas Instruments TLV5627CPWR Datasheet HTML 12Page - Texas Instruments TLV5627CPWR Datasheet HTML 13Page - Texas Instruments TLV5627CPWR Datasheet HTML 14Page - Texas Instruments TLV5627CPWR Datasheet HTML 15Page - Texas Instruments TLV5627CPWR Datasheet HTML 16Page - Texas Instruments TLV5627CPWR Datasheet HTML 17Page - Texas Instruments TLV5627CPWR Datasheet HTML 18Page - Texas Instruments TLV5627CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TLV5627C, TLV5627I
2.7V TO 5.5V 8BIT 4CHANNEL DIGITALTOANALOG CONVERTERS
WITH POWER DOWN
SLAS232A − JUNE1999 − REVISED JULY 2002
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TLV5627 interfaced to MCS51 microcontroller
hardware interfacing
Figure 18 shows an example of how to connect the TLV5627 to an MCS51 Microcontroller. The serial DAC
input data and external control signals are sent via I/O Port 3 of the controller. The serial data is sent on the RxD
line, with the serial clock output on the TxD line. Port 3 bits 3, 4, and 5 are configured as outputs to provide the
DAC latch update (LDAC), chip select (CS) and frame sync (FS) signals for the TLV5627. The active low power
down pin (PD) of the TLV5627 is pulled high to ensure that the DACs are enabled.
RxD
TxD
P3.3
P3.4
MCS
®51
SDIN
SCLK
FS
CS
LDAC
REF
VDD
PD
VOUTA
VOUTB
VOUTC
VOUTD
VSS
TLV5627
P3.4
REFINAB
REFINCD
Figure 18. TLV5627 Interfaced with MCS51
linearity, offset, and gain error using single ended supplies
When an amplifier is operated from a single supply, the voltage offset can still be either positive or negative. With
a positive offset, the output voltage changes on the first code change. With a negative offset, the output voltage
may not change with the first code, depending on the magnitude of the offset voltage.
The output amplifier attempts to drive the output to a negative voltage. However, because the most negative
supply rail is ground, the output cannot drive below ground and clamps the output at 0 V.
The output voltage then remains at zero until the input code value produces a sufficient positive output voltage
to overcome the negative offset voltage, resulting in the transfer function shown in Figure 19.
DAC Code
Output
Voltage
0 V
Negative
Offset
Figure 19. Effect of Negative Offset (single supply)
MCS is a registered trademark of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com