Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 20Page - Texas Instruments TMP461 Datasheet HTML 21Page - Texas Instruments TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
SCL
V+
D+
D±
GND
A0
SMBus
Controller
Host Processor
A1
Overtemperature
Shutdown
SDA
GND
GND
1.7 V to 3.6 V
1.7 V to 3.6 V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
THERM
ALERT/
THERM2
TMP461-SP
1
2
3
4
5
6
7
8
9
10
Copyright © 2017, Texas Instruments Incorporated
TL1431-SP
or
LM4050QML-SP
TL1431-SP
or
LM4050QML-SP
Vbatt
Vbatt
24
TMP461-SP
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP461-SP device requires only a transistor connected between the D+ and D– pins for remote
temperature measurement. Tie the D+ pin to D– or GND if the remote channel is not used and only the local
temperature is measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an open-drain output)
require pullup resistors as part of the communication bus. A 0.1-µF power-supply decoupling capacitor is
recommended for local bypassing. Figure 18 illustrates the typical configurations for the TMP461-SP device.
8.2 Typical Application
Figure 18. TMP461-SP Basic Connections Using a Processor Built-In Remote Transistor
8.2.1 Design Requirements
The TMP461-SP device is designed to be used with either discrete transistors or substrate transistors built into
processor chips and application-specific integrated circuits (ASICs). Either NPN or PNP transistors can be used,
as long as the base-emitter junction is used as the remote temperature sense. NPN transistors must be diode-
connected. PNP transistors can either be transistor- or diode-connected (see Figure 18).
Errors in remote temperature sensor readings are typically the consequence of the ideality factor and current
excitation used by the TMP461-SP device versus the manufacturer-specified operating current for a given
transistor. Some manufacturers specify a high-level and low-level current for the temperature-sensing substrate
transistors. The TMP461-SP device uses 7.5 μA for ILOW and 120 μA for IHIGH.
The ideality factor (η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. The TMP461-SP allows for different η-factor values; see the η-Factor Correction Register section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com