Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments TMP461 Datasheet HTML 30Page - Texas Instruments TMP461 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Time (s)
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
0
25
50
75
100
125
D011
DUT1
DUT2
DUT3
27
TMP461-SP
www.ti.com
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Application (continued)
8.2.3 Application Curve
Figure 19 shows the typical step response to submerging a sensor in an oil bath with a temperature of 100°C.
Figure 19. Temperature Step Response
8.3 Radiation Environments
Careful consideration should be given to environmental conditions when using a product in a radiation
environment.
8.3.1 Single Event Latch-Up
One-time single event latch-up (SEL) testing was preformed according to EIA/JEDEC Standard, EIA/JEDEC57.
The linear energy transfer threshold (LETth) shown in Features is the maximum LET tested. A test report is
available upon request.
8.3.2 Single Event Functional Interrupt
To mitigate effects of single-event upsets and single-event functional interrupts, it is recommended that
appropriate value be written to the pointer register each time a read operation is performed. Relying on the last
value stored in the pointer register may increase the probability of a failed read due to a single event upset.
If other functions are being used, such as the temperature limit register, it may be necessary to rewrite these
registers on occasion.
8.3.3 Single Event Upset
A report on single event upset (SEU) is available upon request.
9 Power Supply Recommendations
The TMP461-SP device operates with a power-supply range of 1.7 V to 3.6 V. The device is optimized for
operation at a 3.3-V supply but can measure temperature accurately in the full supply range.
A power-supply bypass capacitor is recommended. Place this capacitor as close as possible to the supply and
ground pins of the device. A typical value for this supply bypass capacitor is 0.1 μF. Applications with noisy or
high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com