Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments TMP461 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
§
·
u
¨
¸
©
¹
§
·
u ¨
¸
©
¹
ª
º
§
·
u
u
«
»
¨
¸
©
¹
¬
¼
16
Average Conversion Current
15 ms
240 $
s
16
15 ms
400 $
s
16
15 $
PV
PV
s
161 $
26
TMP461-SP
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Application (continued)
(7)
The temperature measurement accuracy of the TMP461-SP device depends on the remote and local
temperature sensor being at the same temperature as the system point being monitored. If the temperature
sensor is not in good thermal contact with the part of the system being monitored, then there is a delay between
the sensor response and the system changing temperature. This delay is usually not a concern for remote
temperature-sensing applications that use a substrate transistor (or a small, SOT23 transistor) placed close to
the device being monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com