Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 21Page - Texas Instruments TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
u
u
u
u
u
Q
Q
Q
Average Conversion Current
Local ADC Conversion Time
Conversions per Second
Local Active I
Remote ADC Conversion Time
Conversions per Second
Remote Active I
Standby Mode I
1
Local ADC Conversion Ti
ª
º
u
¬
¼
me
Remote ADC Conversion Time
Conversions per Second
.
.
.
.
.
ERR
ERR
1 004
1 008
T
=
273 15
100 C
1 008
T
1 48 C
§
·
u
q
¨
¸
©
¹
q
T
=
ERR
h
1.008
-
1.008
(273.15+T( C))
°
´
25
TMP461-SP
www.ti.com
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Application (continued)
The ideality factor for the TMP461-SP device is trimmed to be 1.008. For transistors that have an ideality factor
that does not match the TMP461-SP, Equation 4 can be used to calculate the temperature error.
NOTE
For Equation 4 to be used correctly, the actual temperature (°C) must be converted to
Kelvin (K).
where
•
TERR = error in the TMP461-SP device because η ≠ 1.008,
•
η = ideality factor of the remote temperature sensor,
•
T(°C) = actual temperature, and
(4)
In Equation 4, the degree of delta is the same for °C and K.
For η = 1.004 and T(°C) = 100°C:
(5)
If a discrete transistor is used as the remote temperature sensor with the TMP461-SP, the best accuracy can be
achieved by selecting the transistor according to the following criteria:
1. Base-emitter voltage is > 0.25 V at 7.5 μA, at the highest-sensed temperature.
2. Base-emitter voltage is < 0.95 V at 120 μA, at the lowest-sensed temperature.
3. Base resistance is < 100
Ω.
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).
Based on this criteria, two recommended small-signal transistors are the 2N3904 (NPN) or 2N3906 (PNP).
8.2.2 Detailed Design Procedure
The local temperature sensor inside the TMP461-SP device monitors the ambient air around the device. The
thermal time constant for the TMP461-SP device is approximately two seconds. This constant implies that if the
ambient air changes quickly by 100°C, then the TMP461-SP device takes approximately 10 seconds (that is, five
thermal time constants) to settle to within 1°C of the final value. In most applications, the TMP461-SP package is
in electrical, and therefore thermal, contact with the printed circuit board (PCB), as well as subjected to forced
airflow. The accuracy of the measured temperature directly depends on how accurately the PCB and forced
airflow temperatures represent the temperature that the TMP461-SP is measuring. Additionally, the internal
power dissipation of the TMP461-SP can cause the temperature to rise above the ambient or PCB temperature.
The internal power dissipated as a result of exciting the remote temperature sensor is negligible because of the
small currents used. Equation 6 can be used to calculate the average conversion current for power dissipation
and self-heating based on the number of conversions per second and temperature sensor channel enabled.
Equation 7 shows an example with local and remote sensor channels enabled and 16 conversions per second;
see the Electrical Characteristics table for typical values required for these calculations. For a 3.3-V supply and a
conversion rate of 16 conversions per second, the TMP461-SP device dissipates 0.531 mW (PDIQ = 3.3 V × 161
μA) when both the remote and local channels are enabled.
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com