Electronic Components Datasheet Search
  English  ▼

X  

IRMCF311TY Datasheet(PDF) 18 Page - International Rectifier

Part # IRMCF311TY
Description  Dual Channel Sensorless Motor Control IC for Appliances
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF311TY Datasheet(HTML) 18 Page - International Rectifier

Back Button IRMCF311TY Datasheet HTML 14Page - International Rectifier IRMCF311TY Datasheet HTML 15Page - International Rectifier IRMCF311TY Datasheet HTML 16Page - International Rectifier IRMCF311TY Datasheet HTML 17Page - International Rectifier IRMCF311TY Datasheet HTML 18Page - International Rectifier IRMCF311TY Datasheet HTML 19Page - International Rectifier IRMCF311TY Datasheet HTML 20Page - International Rectifier IRMCF311TY Datasheet HTML 21Page - International Rectifier IRMCF311TY Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
IRMCF311
18
7 AC Characteristics
7.1
PLL AC Characteristics
Symbol
Parameter
Min
Typ
Max
Condition
FCLKIN
Crystal input
frequency
3.2 MHz
4 MHz
60 MHz
(1)
(see figure below)
FPLL
Internal clock
frequency
32 MHz
50 MHz
128 MHz (1)
FLWPW
Sleep mode output
frequency
FCLKIN ÷ 256
-
-
(1)
JS
Short time jitter
-
200 psec
-
(1)
D
Duty cycle
-
50 %
-
(1)
TLOCK
PLL lock time
-
-
500 μsec (1)
Table 9.
PLL AC Characteristics
Note:
(1) Data guaranteed by design.
Xtal
R1=1M
R2=10
C1=30PF
C2=30PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com