Electronic Components Datasheet Search
  English  ▼

X  

IRMCF311TY Datasheet(PDF) 15 Page - International Rectifier

Part # IRMCF311TY
Description  Dual Channel Sensorless Motor Control IC for Appliances
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF311TY Datasheet(HTML) 15 Page - International Rectifier

Back Button IRMCF311TY Datasheet HTML 11Page - International Rectifier IRMCF311TY Datasheet HTML 12Page - International Rectifier IRMCF311TY Datasheet HTML 13Page - International Rectifier IRMCF311TY Datasheet HTML 14Page - International Rectifier IRMCF311TY Datasheet HTML 15Page - International Rectifier IRMCF311TY Datasheet HTML 16Page - International Rectifier IRMCF311TY Datasheet HTML 17Page - International Rectifier IRMCF311TY Datasheet HTML 18Page - International Rectifier IRMCF311TY Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
IRMCF311
15
6.4
PLL and Oscillator DC Characteristics
Symbol
Parameter
Min
Typ
Max
Condition
VPLLVDD
Supply Voltage
1.62 V
1.8 V
1.92 V
Recommended
VIL OSC
Oscillator Input Low
Voltage
VPLLVSS
-
0.2*
VPLLVDD
VPLLVDD = 1.8 V
(1)
VIH OSC
Oscillator Input High
Voltage
0.8*
VPLLVDD
VPLLVDD
VPLLVDD = 1.8 V
(1)
Table 4.
PLL DC Characteristics
Note:
(1) Data guaranteed by design.
6.5
Analog I/O DC Characteristics
- OP amps for current sensing (IFBC+, IFBC-, IFBCO, IFBF+, IFBF-, IFBFO, IPFC+, IPFC-,
IPFCO)
CAREF = 1nF, CMEXT= 100nF. Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
VAVDD
Supply Voltage
1.71 V
1.8 V
1.89 V
Recommended
VOFFSET
Input Offset Voltage
-
-
26 mV
VAVDD = 1.8 V
VI
Input Voltage Range
0 V
1.2 V
Recommended
VOUTSW
OP amp output
operating range
50 mV
(1)
-
1.2 V
VAVDD = 1.8 V
CIN
Input capacitance
-
3.6 pF
-
(1)
RFDBK
OP amp feedback
resistor
5 k
Ω
-
20 k
Ω
Requested
between op amp
output and
negative input
OP GAINCL
Operating Close loop
Gain
80 db
-
-
(1)
CMRR
Common Mode
Rejection Ratio
-
80 db
-
(1)
ISRC
Op amp output source
current
-
1 mA
-
VOUT = 0.6 V
(1)
ISNK
Op amp output sink
current
-
100 μA
-
VOUT = 0.6 V
(1)
Table 5.
Analog I/O DC Characteristics
Note:
(1) Data guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com