Electronic Components Datasheet Search
  English  ▼

X  

IRMCF311TY Datasheet(PDF) 30 Page - International Rectifier

Part # IRMCF311TY
Description  Dual Channel Sensorless Motor Control IC for Appliances
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF311TY Datasheet(HTML) 30 Page - International Rectifier

Back Button IRMCF311TY Datasheet HTML 25Page - International Rectifier IRMCF311TY Datasheet HTML 26Page - International Rectifier IRMCF311TY Datasheet HTML 27Page - International Rectifier IRMCF311TY Datasheet HTML 28Page - International Rectifier IRMCF311TY Datasheet HTML 29Page - International Rectifier IRMCF311TY Datasheet HTML 30Page - International Rectifier IRMCF311TY Datasheet HTML 31Page - International Rectifier IRMCF311TY Datasheet HTML 32Page - International Rectifier IRMCF311TY Datasheet HTML 33Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
IRMCF311
30
Pin
Number
Pin Name
Internal IC
Pull-up
/Pull-down
Pin
Type
Description
26
AVSS
P
Analog common
27
AIN1
I
Analog input channel 1, 0-1.2V range, needs to be
pulled down to AVSS if unused
28
AREF
O
Analog reference voltage output (0.6V)
29
CMEXT
O
Unbuffered analog reference voltage output (0.6V)
30
IFBC-
I
Compressor single shunt current sensing OP amp
input (-)
31
IFBC+
I
Compressor single shunt current sensing OP amp
input (+)
32
IFBCO
O
Compressor single shunt current sensing OP amp
output
33
VAC-
I
AC input voltage sensing OP amp input (-)
34
VAC+
I
AC input voltage sensing OP amp input (+)
35
VACO
O
AC input voltage sensing OP amp output
36
IPFCO
O
PFC shunt current sensing OP amp output
37
IPFC+
I
PFC shunt current sensing OP amp input (+)
38
IPFC-
I
PFC shunt current sensing OP amp input (-)
39
VSS
P
Digital common
40
VDD1
P
3.3V digital power
41
CGATEKILL
I
Compressor PWM shutdown input, 2-μsec digital
filter, configurable either high or low true.
42
CPWMWL
70 kΩ Pull
up
O
Compressor PWM gate drive for phase W low side,
configurable either high or low true
43
CPWMWH
70 kΩ Pull
up
O
Compressor PWM gate drive for phase W high side,
configurable either high or low true
44
CPWMVL
70 kΩ Pull
up
O
Compressor PWM gate drive for phase V low side,
configurable either high or low true
45
CPWMVH
70 kΩ Pull
up
O
Compressor PWM gate drive for phase V high side,
configurable either high or low true
46
CPWMUL
70 kΩ Pull
up
O
Compressor PWM gate drive for phase U low side,
configurable either high or low true
47
CPWMUH
70 kΩ Pull
up
O
Compressor PWM gate drive for phase U high side,
configurable either high or low true
48
P3.0/INT2
I/O
Discrete programmable I/O or INT2 digital input
49
P5.0/
PFCGKILL
I
Discrete programmable I/O or PFC PWM shutdown
input, 2-μsec digital filter, configurable either high
or low true.
50
PFCPWM
70 kΩ Pull
up
O
PFC PWM gate drive, configurable either high or
low true
51
P3.2/INT0
I/O
Discrete programmable I/O or INT0 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com