Electronic Components Datasheet Search
  English  ▼

X  

IRMCF311TY Datasheet(PDF) 31 Page - International Rectifier

Part # IRMCF311TY
Description  Dual Channel Sensorless Motor Control IC for Appliances
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF311TY Datasheet(HTML) 31 Page - International Rectifier

Back Button IRMCF311TY Datasheet HTML 25Page - International Rectifier IRMCF311TY Datasheet HTML 26Page - International Rectifier IRMCF311TY Datasheet HTML 27Page - International Rectifier IRMCF311TY Datasheet HTML 28Page - International Rectifier IRMCF311TY Datasheet HTML 29Page - International Rectifier IRMCF311TY Datasheet HTML 30Page - International Rectifier IRMCF311TY Datasheet HTML 31Page - International Rectifier IRMCF311TY Datasheet HTML 32Page - International Rectifier IRMCF311TY Datasheet HTML 33Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
IRMCF311
31
Pin
Number
Pin Name
Internal IC
Pull-up
/Pull-down
Pin
Type
Description
52
P3.6/RXD1
I/O
Discrete programmable I/O or 2nd UART receive
input
53
P3.7/TXD1
I/O
Discrete programmable I/O or 2nd UART transmit
output
54
VSS
P
Digital common
55
SCL/SO-SI
I/O
I2C clock output or SPI data
56
SDA/CS0
I/O
I2C data or SPI chip select 0
57
P5.1/TMS
I/O
Discrete programmable I/O or JTAG test mode
select
58
P5.2/TDO
I/O
Discrete programmable I/O or JTAG port test data
output
59
P5.3/TDI
I/O
Discrete programmable I/O or JTAG test data input
60
TCK
I
JTAG test clock
61
TSTMOD
58 kΩ pull
down
I
Test mode. Must be tied to VSS. Factory use only
62
RESET
I/O
Reset , low true, Schmitt trigger input
63
PLLVDD
P
1.8 V PLL power
64
PLLVSS
P
PLL ground
Table 22.
Pin List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com