Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC6C596
Description  TPIC6C596 Power Logic 8-Bit Shift Register
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6C596 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC6C596 Datasheet HTML 1Page - Texas Instruments TPIC6C596 Datasheet HTML 2Page - Texas Instruments TPIC6C596 Datasheet HTML 3Page - Texas Instruments TPIC6C596 Datasheet HTML 4Page - Texas Instruments TPIC6C596 Datasheet HTML 5Page - Texas Instruments TPIC6C596 Datasheet HTML 6Page - Texas Instruments TPIC6C596 Datasheet HTML 7Page - Texas Instruments TPIC6C596 Datasheet HTML 8Page - Texas Instruments TPIC6C596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
SER IN
DRAIN0
DRAIN1
DRAIN2
DRAIN3
CLR
G
GND
SRCK
DRAIN7
DRAIN6
DRAIN5
DRAIN4
RCK
SER OUT
TPIC6C596
www.ti.com
SLIS093D – MARCH 2000 – REVISED MARCH 2015
5 Pin Configuration and Functions
D, N, or PW Packages
16-Pin SOIC, PDIP, and TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLR
7
I
Shift register clear, active-low
DRAIN0
3
O
Open-drain output
DRAIN1
4
O
Open-drain output
DRAIN2
5
O
Open-drain output
DRAIN3
6
O
Open-drain output
DRAIN4
11
O
Open-drain output
DRAIN5
12
O
Open-drain output
DRAIN6
13
O
Open-drain output
DRAIN7
14
O
Open-drain output
G
8
I
Output enable, active-low
GND
16
—
Power ground
RCK
10
I
Register clock
SER IN
2
I
Serial data input
SER OUT
9
O
Serial data output
SRCK
15
I
Shift register clock
VCC
1
I
Power supply
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPIC6C596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com