Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC6C596
Description  TPIC6C596 Power Logic 8-Bit Shift Register
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6C596 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC6C596 Datasheet HTML 3Page - Texas Instruments TPIC6C596 Datasheet HTML 4Page - Texas Instruments TPIC6C596 Datasheet HTML 5Page - Texas Instruments TPIC6C596 Datasheet HTML 6Page - Texas Instruments TPIC6C596 Datasheet HTML 7Page - Texas Instruments TPIC6C596 Datasheet HTML 8Page - Texas Instruments TPIC6C596 Datasheet HTML 9Page - Texas Instruments TPIC6C596 Datasheet HTML 10Page - Texas Instruments TPIC6C596 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TC − Case Temperature − °C
0
20
40
60
80
100
120
140
−50
−25
0
25
50
75
100
125
ID = 75 mA
See Note A
tPHL
tPLH
tf
tr
N − Number of Outputs Conducting Simultaneously
0.00
0.05
0.10
0.15
0.20
0.25
1
2
3
4
5
6
7
8
VCC = 5 V
TC = 25°C
TC = 125°C
TC = 100°C
VCC − Logic Supply Voltage − V
0
2
4
6
8
10
12
4.0
4.5
5.0
5.5
6.0
6.5
7.0
ID = 50 mA
See Note A
TC = 125°C
TC = 25°C
TC = − 40°C
ID − Drain Current − mA
0
5
10
15
20
25
30
50
70
90
110
130
150
170
190
210
VCC = 5 V
See Note A
250
TC = 25°C
TC = − 40°C
TC = 125°C
tav − Time Duration of Avalanche − ms
0.1
1
10
0.01
0.1
1
TC = 25°C
0
1
2
3
4
5
6
f − Frequency − MHz
VCC = 5 V
TC = −40C° to 125°C
0.1
1
10
100
TPIC6C596
www.ti.com
SLIS093D – MARCH 2000 – REVISED MARCH 2015
6.7 Typical Characteristics
Figure 1. Peak Avalanche Current
Figure 2. Supply Current vs Frequency
vs Time Duration of Avalanche
Technique should limit TJ − TC to 10°C maximum.
Figure 3. Drain-to-Source ON-State Resistance
Figure 4. Static Drain-to-Source ON-State Resistance
vs Drain Current
vs Logic Supply Voltage
Technique should limit TJ − TC to 10°C maximum
Figure 6. Maximum Continuous Drain Current of
Figure 5. Switching Time vs Case Temperature
Each Output vs Number of Outputs Conducting
Simultaneously
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPIC6C596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com