Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC6C596
Description  TPIC6C596 Power Logic 8-Bit Shift Register
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6C596 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC6C596 Datasheet HTML 1Page - Texas Instruments TPIC6C596 Datasheet HTML 2Page - Texas Instruments TPIC6C596 Datasheet HTML 3Page - Texas Instruments TPIC6C596 Datasheet HTML 4Page - Texas Instruments TPIC6C596 Datasheet HTML 5Page - Texas Instruments TPIC6C596 Datasheet HTML 6Page - Texas Instruments TPIC6C596 Datasheet HTML 7Page - Texas Instruments TPIC6C596 Datasheet HTML 8Page - Texas Instruments TPIC6C596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPIC6C596
www.ti.com
SLIS093D – MARCH 2000 – REVISED MARCH 2015
6.4 Thermal Information
TPIC6C596
THERMAL METRIC(1)
PW (TSSOP)
D (SOIC)
N (PDIP)
UNIT
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
109.7
83.7
51.5
RθJC(
Junction-to-case (top) thermal resistance
44.6
45.1
38.3
top)
°C/W
RθJB
Junction-to-board thermal resistance
54.8
41.2
31.4
ψJT
Junction-to-top characterization parameter
5
12.1
23.6
ψJB
Junction-to-board characterization parameter
54.2
40.9
31.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Drain-to-source breakdown
V(BR)DSX
ID = 1 mA
33
37
V
voltage
Source-to-drain diode forward
VSD
IF = 100 mA
0.85
1.2
V
voltage
IOH = − 20 µA,
VCC = 4.5 V
4.4
4.49
High-level output voltage, SER
VOH
V
OUT
IOH = − 4 mA,
VCC = 4.5 V
4
4.2
IOL = 20 µA,
VCC = 4.5 V
0.005
0.1
Low-level output voltage, SER
VOL
V
OUT
IOL = 4 mA,
VCC = 4.5 V
0.3
0.5
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
–1
µA
All outputs off
20
200
ICC
Logic supply current
VCC = 5.5 V
µA
All outputs on
150
500
fSRCK = 5 MHz,
CL = 30 pF,
Logic supply current at
ICC(FRQ)
1.2
5
mA
frequency
All outputs off,
See Figure 9 and Figure 2
VDS(on) = 0.5 V,
IN = ID,
IN
Nominal current
90
mA
TC = 85°C
See (1)(2)(3)
VDS = 30 V,
VCC = 5.5 V
0.1
0.2
IDSX
OFF-state drain current
µA
VDS = 30 V
VCC = 5.5 V
0.15
0.3
TC = 125°C
ID = 50 mA,
6.5
9
VCC = 4.5 V
ID = 50 mA,
Static drain-source ON-state
See (1) and(2) and Figure 3
rDS(on)
TC = 125°C,
9.9
12
Ω
resistance
and Figure 4
VCC = 4.5 V
ID = 100 mA,
9.9
10
VCC = 4.5 V
(1)
Technique should limit TJ − TC to 10°C maximum.
(2)
These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
(3)
Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a voltage
drop of 0.5 V at TC = 85°C.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPIC6C596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com