Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPIC6C596
Description  TPIC6C596 Power Logic 8-Bit Shift Register
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC6C596 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPIC6C596 Datasheet HTML 10Page - Texas Instruments TPIC6C596 Datasheet HTML 11Page - Texas Instruments TPIC6C596 Datasheet HTML 12Page - Texas Instruments TPIC6C596 Datasheet HTML 13Page - Texas Instruments TPIC6C596 Datasheet HTML 14Page - Texas Instruments TPIC6C596 Datasheet HTML 15Page - Texas Instruments TPIC6C596 Datasheet HTML 16Page - Texas Instruments TPIC6C596 Datasheet HTML 17Page - Texas Instruments TPIC6C596 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL DRAIN OUTPUTS
VCC
Input
GND
GND
DRAIN
33 V
20 V
25 V
12 V
TPIC6C596
SLIS093D – MARCH 2000 – REVISED MARCH 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPIC6C596 device is a serial-in parallel-out, Power+LogicE 8-bit shift register with low-side switch DMOS
outputs rating of a 100 mA per channel. The device is designed to drive resistive and inductive loads and is
particularly well-suited as an interface between a microcontroller and LEDs or lamps. The TPIC6C596 device is
an enhancement of the TPIC6C595 device, where the shift register serial output (SER OUT) is clocked on the
falling edge of the serial clock to provide additional hold-time in applications where several devices are
cascaded.
9.1.1 Cascaded Application
The serial output (SEROUT) clocks out of the device on the falling edge of SRCK to provide additional hold time
for cascaded applications. Connect the device (SEROUT) pin to the next device (SERIN) for daisy Chain. This
provides improved performance for applications where clock signals may be skewed, devices are not located
near one another, or the system must tolerate electromagnetic interference.
Figure 13. Schematic of Inputs and Outputs
9.2 Typical Application
The typical application of TPIC6C596 device is an automotive cluster driver. In this example, two TPIC6C596
power shift registers are cascaded and used to turn on LEDs in the cluster panel. In this case, the LED must be
updated after all 16 bits of data have been loaded into the serial shift registers. The MCU outputs the data to the
serial input (SER IN) while clocking the shift register clock (SRCK). After the 16th clock, a pulse to the register
clock (RCK) transfers the data to the storage registers. If output enable (G) is low, then the LEDs are turned on
corresponding to the status word with ones being on and zeros off. With this simple scheme, MCU can use the
SPI interface to turn on 16 LEDs using only two ICs as illustrated in Figure 14.
14
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPIC6C596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com