Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPL5000
Description  TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL5000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 2Page - Texas Instruments TPL5000 Datasheet HTML 3Page - Texas Instruments TPL5000 Datasheet HTML 4Page - Texas Instruments TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
t5
tDTCAL
WAKE
PGOOD
DONE
RSTn
tDTCAL
trTCAL
tfTCAL
tCAL
ttDPt
ttDPt
ttDPt
ttDDONEt
tDONE
trRSTn
tfRSTn
tRSTn
ttDDONEt
trWAKE
tfWAKE
TCAL
TPL5000
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
www.ti.com
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
trTCAL
Rise Time TCAL
Capacitive load 15 pF
50
ns
tfTCAL,
Fall Time TCAL
Capacitive load 15 pF
50
ns
trRSTn,
Rise Time RSTn
Capacitive load 15 pF, Rpull-up 100Kohm
4
ns
tfRSTn,
Fall Time RSTn
Capacitive load 15 pF, Rpull-up 100Kohm
50
ns
trWAKE
Rise Time WAKE
Capacitive load 15 pF
50
ns
tfWAKE
Fall Time WAKE
Capacitive load 15 pF
50
ns
Min delay
100
ns
DONE to RSTn or WAKE
tDDONE
delay
Max delay
tDP-5*tCAL
ms
tDTCAL
TCAL to RSTn or WAKE
tCAL/2
ms
delay
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com