Electronic Components Datasheet Search
  English  ▼

X  

PS72518 Datasheet(PDF) 4 Page - Texas Instruments

Part # PS72518
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PS72518 Datasheet(HTML) 4 Page - Texas Instruments

  PS72518 Datasheet HTML 1Page - Texas Instruments PS72518 Datasheet HTML 2Page - Texas Instruments PS72518 Datasheet HTML 3Page - Texas Instruments PS72518 Datasheet HTML 4Page - Texas Instruments PS72518 Datasheet HTML 5Page - Texas Instruments PS72518 Datasheet HTML 6Page - Texas Instruments PS72518 Datasheet HTML 7Page - Texas Instruments PS72518 Datasheet HTML 8Page - Texas Instruments PS72518 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341E – MAY 2002 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range VI = VO(typ) + 1 V, IO= 1 mA, EN = IN, Co = 1 µF, Ci = 1 µF (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 1 A
TJ = 25°C
170
TPS72525 (4)
IO = 1 A
280
VDO
Dropout voltage
mV
IO = 1 A
TJ = 25°C
210
TPS72518 (5)
IO = 1 A
320
Minimum input voltage for valid
1.3
V
RESET
Trip threshold voltage
90
93
96
%VO
Hysteresis voltage
10
mV
RESET
t(RESET) delay time
25
50
75
ms
Rising edge deglitch
10
µs
Output low voltage (at 700 µA)
-0.3
0.4
V
Leakage current
100
nA
(4)
Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with
VI = VO + 1 V.
(5)
Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with
VI = VO + 1 V.
4
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS72501 TPS72515 TPS72516 TPS72518 TPS72525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com