Electronic Components Datasheet Search
  English  ▼

X  

PS72518 Datasheet(PDF) 8 Page - Texas Instruments

Part # PS72518
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PS72518 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PS72518 Datasheet HTML 4Page - Texas Instruments PS72518 Datasheet HTML 5Page - Texas Instruments PS72518 Datasheet HTML 6Page - Texas Instruments PS72518 Datasheet HTML 7Page - Texas Instruments PS72518 Datasheet HTML 8Page - Texas Instruments PS72518 Datasheet HTML 9Page - Texas Instruments PS72518 Datasheet HTML 10Page - Texas Instruments PS72518 Datasheet HTML 11Page - Texas Instruments PS72518 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
t − Time −
µs
0
15
10
5
20
25
35
30
40
45 50
VI = 2.8 V
Co = 1 µF
CI = 1 µF
1
0.5
0
−100
100
0
160
2
t − Time −
µs
0
60
40
20
80 100
140
120
180 200
VI = 2.8 V
IO = 1 A
Co = 10 µF
1
1
0
0
1.5
2
3
0.5
t − Time −
µs
1
0 100 200 300 400 500 600
3
700 800 900 1000
5
0
4
2
VO
VI
RL = 1.8 Ω
Co = 1 µF
Ci = 1 µF
0
0.5
1
1.5
2
2.5
3
3.5
10
100
1 k
10 k
100 k
f − Frequency − Hz
IO = 1 mA
VI = 2.8 V
Co = 10 µF
IO = 1 A
50
30
20
0
10
100
1 k
10 k
70
90
f − Frequency − Hz
100
100 k
1 M
80
60
40
10
10
µF / 1mA
10
µF / 1 A
VI= 2.8 V,
VO = 1.8 V,
CO = 10 µF
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
TJ = 25°C
VI − Input voltage − V
TJ = −40°C
TJ = 125°C
0
50
100
150
200
250
300
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VI − Input Voltage − V
TJ = 25°C
TJ = −40°C
TJ = 125°C
0
100
200
300
400
500
600
0
1
2
3
4
5
6
I = 0 A
VI − Input Voltage − V
I = 1 A
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341E – MAY 2002 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS72518 OUTPUT VOLTAGE,
ENABLE VOLTAGE
TPS72518
vs
TPS72518
LOAD TRASIENT RESPONSE
TIME (START-UP)
POWER UP/POWER DOWN
Figure 10.
Figure 11.
Figure 12.
TPS72518 OUTPUT SPECTRAL
TPS72518
NOISE DENSITY
RIPPLE REJECTION
CURRENT LIMIT
vs
vs
vs
FREQUENCY
FREQUENCY
INPUT VOLTAGE
Figure 13.
Figure 14.
Figure 15.
TPS72515 GROUND CURRENT
DROPOUT VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 16.
Figure 17.
8
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS72501 TPS72515 TPS72516 TPS72518 TPS72525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com