Electronic Components Datasheet Search
  English  ▼

X  

PS72518 Datasheet(PDF) 12 Page - Texas Instruments

Part # PS72518
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PS72518 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PS72518 Datasheet HTML 8Page - Texas Instruments PS72518 Datasheet HTML 9Page - Texas Instruments PS72518 Datasheet HTML 10Page - Texas Instruments PS72518 Datasheet HTML 11Page - Texas Instruments PS72518 Datasheet HTML 12Page - Texas Instruments PS72518 Datasheet HTML 13Page - Texas Instruments PS72518 Datasheet HTML 14Page - Texas Instruments PS72518 Datasheet HTML 15Page - Texas Instruments PS72518 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
T
J +
T
A )
P
Dmax x R
θJA
RθJA +
T
J–TA
P
Dmax
P
Dmax +
(5 * 2.5) V x 1 A + 2.5 W
RθJAmax + (125 * 55)°C 2.5 W + 28°C W
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341E – MAY 2002 – REVISED JUNE 2010
www.ti.com
Even if no external black body radiator type heatsink is attached to the package, the board on which the
regulator is mounted provides some heatsinking through the pin solder connections. Some packages, like the
DDPAK and SOT223 packages, use a copper plane underneath the package or the circuit board's ground plane
for additional heatsinking to improve their thermal performance. Computer-aided thermal modeling can be used
to compute very accurate approximations of an integrated circuit's thermal performance in different operating
environments (e.g., different types of circuit boards, different types and sizes of heatsinks, different air flows,
etc.). Using these models, the three thermal resistances can be combined into one thermal resistance between
junction and ambient (RqJA). This RqJAis valid only for the specific operating environment used in the computer
model.
Equation 4 simplifies into Equation 5:
(5)
Rearranging Equation 5 gives Equation 6:
(6)
Using Equation 5 and the computer model generated curves shown in Figure 21 and Figure 24, a designer can
quickly compute the required heatsink thermal resistance/board area for a given ambient temperature, power
dissipation, and operating environment.
DDPAK Power Dissipation
The DDPAK package provides an effective means of managing power dissipation in surface mount applications.
The DDPAK package dimensions are provided in the Mechanical Data section at the end of the data sheet. The
addition of a copper plane directly underneath the DDPAK package enhances the thermal performance of the
package.
To illustrate, the TPS72525 in a DDPAK package was chosen. For this example, the average input voltage is 5
V, the output voltage is 2.5 V, the average output current is 1 A, the ambient temperature 55°C, the air flow is
150 LFM, and the operating environment is the same as documented below. Neglecting the quiescent current,
the maximum average power is:
(7)
Substituting TJmax for TJ into Equation 6 gives Equation 8:
(8)
From Figure 21, DDPAK Thermal Resistance vs Copper Heatsink Area, the ground plane needs to be 1 cm2 for
the part to dissipate 2.5 W. The operating environment used in the computer model to construct Figure 21
consisted of a standard JEDEC High-K board (2S2P) with a 1 oz. internal copper plane and ground plane. The
package is soldered to a 2 oz. copper pad. The pad is tied through thermal vias to the 1 oz. ground plane.
Figure 22 shows the side view of the operating environment used in the computer model.
12
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS72501 TPS72515 TPS72516 TPS72518 TPS72525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com