Electronic Components Datasheet Search
  English  ▼

X  

PS72518 Datasheet(PDF) 13 Page - Texas Instruments

Part # PS72518
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PS72518 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PS72518 Datasheet HTML 9Page - Texas Instruments PS72518 Datasheet HTML 10Page - Texas Instruments PS72518 Datasheet HTML 11Page - Texas Instruments PS72518 Datasheet HTML 12Page - Texas Instruments PS72518 Datasheet HTML 13Page - Texas Instruments PS72518 Datasheet HTML 14Page - Texas Instruments PS72518 Datasheet HTML 15Page - Texas Instruments PS72518 Datasheet HTML 16Page - Texas Instruments PS72518 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
15
20
25
30
35
40
0.1
1
10
100
Copper Heatsink Area − cm2
No Air Flow
150 LFM
250 LFM
1 oz. Copper
Power Plane
1 oz. Copper
Ground Plane
2 oz. Copper Solder Pad
with 25 Thermal Vias
Thermal Vias, 0.3 mm
Diameter, 1,5 mm Pitch
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
www.ti.com
SLVS341E – MAY 2002 – REVISED JUNE 2010
Figure 21. DDPAK Thermal Resistance vs Copper Heatsink Area
Figure 22. DDPAK Thermal Resistance
From the data in Figure 23 and rearranging Equation 6, the maximum power dissipation for a different ground
plane area and a specific ambient temperature can be computed.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS72501 TPS72515 TPS72516 TPS72518 TPS72525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com