Electronic Components Datasheet Search
  English  ▼

X  

IP175CLF Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP175CLF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CLF Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP175CLF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
27/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Pin description (continued)
Pin No.
Label
Type
Description
Force mode (the setting is latched at the end of reset)
85, 76
P4_FORCE
IPL2
Port4 works at force mode.
1: force mode, disable port4 NWAY capability
0: auto-negotiation with all capability enabled (default)
It’s set by pin 85 if MII0 is in PHY mode and it’s set by pin 76 if
MII0 is in MAC mode.
It is valid only if p4ext is pulled low.
86, 77
P3_FORCE
IPL2
Port3 works at force mode.
1: force mode, disable port3 NWAY capability
0: auto-negotiation with all capability enabled (default)
It’s set by pin 86 if MII0 is in PHY mode and it’s set by pin 77 if
MII0 is in MAC mode.
It is valid only if p4ext is pulled low.
87, 78
P2_FORCE
IPL2
Port2 works at force mode.
1: force mode, disable port2 NWAY capability
0: auto-negotiation with all capability enabled (default)
It’s set by pin 87 if MII0 is in PHY mode and it’s set by pin 78 if
MII0 is in MAC mode.
It is valid only if p4ext is pulled low.
88, 79
P1_FORCE
IPL2
Port1 works at force mode.
1: force mode, disable port1 NWAY capability
0: auto-negotiation with all capability enabled (default)
It’s set by pin 88 if MII0 is in PHY mode and it’s set by pin 79 if
MII0 is in MAC mode.
It is valid only if p4ext is pulled low.
90, 80
P0_FORCE
IPL2
Port0 works at force mode.
1: force mode, disable port0 NWAY capability
0: auto-negotiation with all capability enabled (default)
It’s set by pin 90 if MII0 is in PHY mode and it’s set by pin 80 if
MII0 is in MAC mode.
It is valid only if p4ext is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com