Electronic Components Datasheet Search
  English  ▼

X  

IP175CLF Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # IP175CLF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CLF Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button IP175CLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
50/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
2.12
Static MAC address table
IP175C/IP175CH supports a static MAC address table, which contains two MAC address. When
IP175C/IP175CH receives a packet whose destination address matches the pre-defined MAC address in
the table, it forwards the packets to a specfic port defined in the MII register 30.26[13:8]
static_port_mask_1 and 30.26[5:0] static_port_mask_0. Use can setup the MAC address table and static
port mask by programming MII register 30.20~30.26.The static MAC address table has precedence over
the dynamic DA look up result.
In a spanning tree application, the MII register 30.26[7] static_override_0 is “1”, MII register 30.26[6]
static_valid_0 is ”1”, the MII register 30.20~22 MAC address field is 01-80-c2-00-00-00 and the MII
register 30.26[5:0] static_port_mask_0 is 6’b100000 (MII0). That is, IP175C/IP175CH will forward BPDU
to MII0 (CPU) only in spite of the port states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com