Electronic Components Datasheet Search
  English  ▼

X  

IP175CLF Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # IP175CLF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CLF Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button IP175CLF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 77Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 78Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 79Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
78/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Tag register 1~9
PHY
MII
ROM
R/W
Description
Default
29
24
25[7:0]
24[7:0]
R/W VLAN_TAG_0. Port0 default VLAN tag value
This register defines the VLAN tag added to an un-tagged
packet from port 0.
16’h0001
29
25
27[7:0]
26[7:0]
R/W VLAN_TAG_1. Port1 default VLAN tag value
This register defines the VLAN tag added to an un-tagged
packet from port 1.
16’h0001
29
26
29[7:0]
28[7:0]
VLAN_TAG_2. Port2 default VLAN tag value
This register defines the VLAN tag added to an un-tagged
packet from port 2.
16’h0001
29
27
31[7:0]
30[7:0]
R/W VLAN_TAG_3. Port3 default VLAN tag value
This register defines the VLAN tag added to an un-tagged
packet from port 3.
16’h0001
29
28
33[7:0]
32[7:0]
R/W VLAN_TAG_4. Port4 default VALN tag value
This register defines the VLAN tag added to an un-tagged
packet from port 4.
16’h0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com