Electronic Components Datasheet Search
  English  ▼

X  

IP175CLF Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # IP175CLF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CLF Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button IP175CLF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
89/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Spanning tree register
PHY
MII
ROM
R/W
Description
Default
Fast mode for simulation,
1: Fast mode, 0: normal mode
Default value
TEST2=0
TEST2=1
16.15
--
RO
0
Pin 66 FASTMODE (0)
*
16.12
66.4
R/W Learning enable
1: enable address learning capability of port 4
0: disable address learning capability of port 4
1
16.11
66.3
R/W Learning enable
1: enable address learning capability of port 3
0: disable address learning capability of port 3
1
16.10
66.2
R/W Learning enable
1: enable address learning capability of port 2
0: disable address learning capability of port 2
1
16.9
66.1
R/W Learning enable
1: enable address learning capability of port 1
0: disable address learning capability of port 1
1
16.8
66.0
R/W Learning enable
1: enable address learning capability of port 0
0: disable address learning capability of port 0
1
16.7
65.7
R/W Stag_en special tagging function enable
If this function is enabled, IP175C/IP175CH inserts source port
information in tag header.
1: enable special tagging function
0: disable special tagging function
0
16.4
65.4
R/W Forward enable
1: enable receiving function of port 4
0: disable receiving function of port 4
1
16.3
65.3
R/W Forward enable
1: enable receiving function of port 3
0: disable receiving function of port 3
1
16.2
65.2
R/W Forward enable
1: enable receiving function of port 2
0: disable receiving function of port 2
1
16.1
65.1
R/W Forward enable
1: enable receiving function of port 1
0: disable receiving function of port 1
1
30
16.0
65.0
R/W Forward enable
1: enable receiving function of port 0
0: disable receiving function of port 0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com