Electronic Components Datasheet Search
  English  ▼

X  

331 16 Datasheet(PDF) 1 Page - English Chain Co. Ltd

Part # 331 16
Description  SMALL CHAINS AND FITTINGS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENGLISHCHAIN [English Chain Co. Ltd]
Direct Link  http://www.englishchain.co.uk/
Logo ENGLISHCHAIN - English Chain Co. Ltd

331 16 Datasheet(HTML) 1 Page - English Chain Co. Ltd

  331 16 Datasheet HTML 1Page - English Chain Co. Ltd 331 16 Datasheet HTML 2Page - English Chain Co. Ltd 331 16 Datasheet HTML 3Page - English Chain Co. Ltd 331 16 Datasheet HTML 4Page - English Chain Co. Ltd 331 16 Datasheet HTML 5Page - English Chain Co. Ltd 331 16 Datasheet HTML 6Page - English Chain Co. Ltd 331 16 Datasheet HTML 7Page - English Chain Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMALL CHAINS AND FITTINGS
CHAINS
Small Chains and Decorative Chains are used in a wide variety of industrial, commercial and domestic
applications. Our range includes all the most popular chains – welded and unwelded – made either from solid
brass or steel.
A choice of electroplated finishes such as chrome, nickel, zinc and bronze gives the most suitable
protective and decorative appearance for each chain.
Curb Chain
ø 1.2 - 2.2mm
Ball Chain
ø 2.4 - 4.5mm
Chandelier Chain
13 - 24mm link length
Plumbers Chain
17 - 24mm link length
Oval Chain Welded
ø 1.6 - 3.0mm
Single Link Jack Chain
ø 1.6 - 4.0mm
Double Link Jack Chain
ø 1.6 - 4.0mm
Knotted Chain
Clock Chain
Twisted Chain
Double Oval Chain
Mattress Chain
Open-Joint Oval Chain
Gothic Chain
Standard Electro Chain
Square Chain
ø 1.6 - 5.0mm
ø 1.1 - 1.6mm
ø 1.6mm
ø 1.6 - 1.8mm
ø 1.6mm
ø 2.8 - 3.8mm
ø 2.2 - 3.8mm
ø 2.5 - 3.8mm
ø 2.0 - 4.0mm
Ball Chain
End Fittings
Ball Chain
Connectors
Split (Key)
Rings
Rings
Dee Rings
Ess Hooks
Consumer
Hooks
Spring
Hooks
Jump Rings
Triangles
SMALL CHAINS
DECORATIVE CHAINS
FITTINGS
Specially designed fittings are usually needed for fixing, joining or lengthening sections of chain or for
making chain assemblies to standard specifications. We can supply these components as separate items
or make complete assemblies to your design. For more detailed information on our specialist assembly
service, please see our “Assemblies” section.
1


Similar Part No. - 331 16

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
331 306 SW WALTHER-331 306 SW Datasheet
401Kb / 2P
IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
331 406 SW WALTHER-331 406 SW Datasheet
401Kb / 2P
IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
331 SW WALTHER-331 SW Datasheet
401Kb / 2P
IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
More results

Similar Description - 331 16

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0035D2BE SENSORTECHNICS-24PC0035D2BE Datasheet
159Kb / 12P
Pressure sensors with special fittings and sealings
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
TE Connectivity Ltd
85C TEC-85C Datasheet
218Kb / 5P
Weldable and Threaded Process Fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com