Electronic Components Datasheet Search
  English  ▼

X  

331 16 Datasheet(PDF) 2 Page - English Chain Co. Ltd

Part # 331 16
Description  SMALL CHAINS AND FITTINGS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENGLISHCHAIN [English Chain Co. Ltd]
Direct Link  http://www.englishchain.co.uk/
Logo ENGLISHCHAIN - English Chain Co. Ltd

331 16 Datasheet(HTML) 2 Page - English Chain Co. Ltd

  331 16 Datasheet HTML 1Page - English Chain Co. Ltd 331 16 Datasheet HTML 2Page - English Chain Co. Ltd 331 16 Datasheet HTML 3Page - English Chain Co. Ltd 331 16 Datasheet HTML 4Page - English Chain Co. Ltd 331 16 Datasheet HTML 5Page - English Chain Co. Ltd 331 16 Datasheet HTML 6Page - English Chain Co. Ltd 331 16 Datasheet HTML 7Page - English Chain Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Small Chains & Accessories
Ball Chains
Product
Size
Ball
Code
Ø
(mm)
Brass
101 24
No.3
2.4
101 32
No.6
3.2
101 40
No.8
4.0
101 45
No.10
4.5
Finishes: polished; chrome; nickel plated
Supplied: 10m boxes & reels; bulk on reels
Product
Size
Ball
Code
Ø
(mm)
Steel
103 24
No.3
2.4
103 32
No.6
3.2
103 45
No.10
4.5
Finish:
nickel plated
Supplied: 10m boxes & reels; bulk on reels
Product
Size
Ball
Code
Ø
(mm)
Stainless Steel
107 24
No.3
2.4
107 32
No.6
3.2
107 45
No.10
4.5
Finish:
polished
Supplied: 10m boxes & reels; bulk on reels
Key Chains
Steel
Product
Length
Code
(mm)
(ins)
Finishes: nickel plated
Supplied: 100 per box; bulk in 1000s
063 62
100
4
063 64
150
6
I/D Chains
Product
Product
Length
Code
Code
Brass
Steel
(mm)
(ins)
Brass & Steel
061 42
063 42
690
27
061 44
063 44
760
30
061 46
063 46
915
36
Finishes:
brass - chrome
steel - nickel plated
Supplied: 100 per box; bulk in 1000s
Ball Chain Fittings
Product
Size
Code
Brass
121 03
No.3
121 66
No.6
121 88
No.8
121 99
No.10
Finishes:
polished; nickel plated
Supplied: 100 per box; bulk in 1000s
CONNECTORS
Product
Product
Size
Code
Code
Steel
Stainless
Steel & Stainless Steel
123 03
127 03
No.3
123 66
127 66
No.6
123 99
127 99
No.10
Finishes:
steel - nickel plated,
stainless - polished
Supplied: 100 per box; bulk in 1000s
Product
Size
Code
Brass
111 03
No.3
111 66
No.6
111 88
No.8
111 99
No.10
Finishes:
polished; nickel plated
Supplied: 100 per box; bulk in 1000s
END ATTACHMENTS
CUP ATTACHMENTS
Product
Product
Size
Code
Code
Brass
Stainless
Brass & Stainless Steel
131 66
135 66
No.6
131 99
-
No.8/10
Finishes:
brass - polished; nickel plated
stainless - polished
Supplied: 100 per box; bulk in 1000s
Product
Size
Code
Brass
131 03
No.3
131 06
No.6
Finishes:
polished; nickel plated
Supplied: 100 per box; bulk in 1000s
SLEEVES
English Chain Co. Ltd.
Tel: 0845 3303 446
Fax: 0845 3303 447
email: sales@englishchain.co.uk
www.englishchain.co.uk
2
Since 1923



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com