Electronic Components Datasheet Search
  English  ▼

X  

331 16 Datasheet(PDF) 7 Page - English Chain Co. Ltd

Part # 331 16
Description  SMALL CHAINS AND FITTINGS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENGLISHCHAIN [English Chain Co. Ltd]
Direct Link  http://www.englishchain.co.uk/
Logo ENGLISHCHAIN - English Chain Co. Ltd

331 16 Datasheet(HTML) 7 Page - English Chain Co. Ltd

  331 16 Datasheet HTML 1Page - English Chain Co. Ltd 331 16 Datasheet HTML 2Page - English Chain Co. Ltd 331 16 Datasheet HTML 3Page - English Chain Co. Ltd 331 16 Datasheet HTML 4Page - English Chain Co. Ltd 331 16 Datasheet HTML 5Page - English Chain Co. Ltd 331 16 Datasheet HTML 6Page - English Chain Co. Ltd 331 16 Datasheet HTML 7Page - English Chain Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Small Chains & Accessories
Plumbing Assembly Chains - Brass
Size
Description
(mm)
3.2
No.6 Ball
13 x 1.6
Open-Joint Clock
13 x 1.8
Brazed Oval
Finish:
chrome
Chain Stays - Brass heads
Finishes: heads - chrome
threads & nuts - zinc
Supplied: 100 per box; bulk in 1000s
Fittings - Brass
Product
Size
Description
Code
(mm)
261 22
22 x 2
Con Hooks
441 25
11 x 2
Jump Rings
441 15
1.8
Triangles
441 14
2.0
Triangles
Finishes: nickel; chrome
Supplied: 100 per box; bulk in 1000s
PLUMBING CHAINS & ACCESSORIES
BATH, BASIN & SINK CHAINS
Product
Size
Description
Code
(mm)
051 50
38
Chain stay,
7/32" Steel thread
& nut
051 70
19
Woodscrewstay,
Steel thread
Plugs with Triangles
Product
Size
Description
Code
(mm)
524 43
38
Black polythene
524 45
44
Black polythene
Supplied: 100 per box; bulk in 1000s
No. 6 Ball Chain Assemblies
Product
Length
Description
Code
(mm)
011 33
305
38mm Stay
011 53
380
38mm Stay
011 73
460
38mm Stay
011 35
305
Hook each end
011 55
380
Hook each end
011 75
460
Hook each end
011 37
305
Wood screw stay
011 57
380
Wood screw stay
011 77
460
Wood screw stay
Finish:
chrome
Supplied: 100 per box;
bulk in 1000s
Open - Joint Clock Chain Assemblies
Product
Length
Description
Code
(mm)
021 33
305
38mm Stay
021 53
380
38mm Stay
021 73
460
38mm Stay
021 35
305
Hook each end
021 55
380
Hook each end
021 75
460
Hook each end
021 37
305
Wood screw stay
021 57
380
Wood screw stay
021 77
460
Wood screw stay
Finish:
chrome
Supplied: 100 per box;
bulk in 1000s
Brazed Oval Chain Assemblies
Product
Length
Description
Code
(mm)
031 33
305
38mm Stay
031 53
380
38mm Stay
031 73
460
38mm Stay
031 35
305
Hook each end
031 55
380
Hook each end
031 75
460
Hook each end
031 37
305
Wood screw stay
031 57
380
Wood screw stay
031 77
460
Wood screw stay
Finish:
chrome
Supplied: 100 per box;
bulk in 1000s
English Chain Co. Ltd.
Tel: 0845 3303 446
Fax: 0845 3303 447
email: sales@englishchain.co.uk
www.englishchain.co.uk
7
Since 1923



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com