Electronic Components Datasheet Search
  English  ▼

X  

331 16 Datasheet(PDF) 4 Page - English Chain Co. Ltd

Part # 331 16
Description  SMALL CHAINS AND FITTINGS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENGLISHCHAIN [English Chain Co. Ltd]
Direct Link  http://www.englishchain.co.uk/
Logo ENGLISHCHAIN - English Chain Co. Ltd

331 16 Datasheet(HTML) 4 Page - English Chain Co. Ltd

  331 16 Datasheet HTML 1Page - English Chain Co. Ltd 331 16 Datasheet HTML 2Page - English Chain Co. Ltd 331 16 Datasheet HTML 3Page - English Chain Co. Ltd 331 16 Datasheet HTML 4Page - English Chain Co. Ltd 331 16 Datasheet HTML 5Page - English Chain Co. Ltd 331 16 Datasheet HTML 6Page - English Chain Co. Ltd 331 16 Datasheet HTML 7Page - English Chain Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Small Chains & Accessories
Jack Chain
Product
Wire
Link
Code
Ø
Length
(mm)
(mm)
Steel - Single Link
303 16
1.6
20
303 20
2.0
22
303 25
2.5
25
303 30
3.0
33
303 40
4.0
40
Finishes: polished; black; zinc
Supplied: 10m hanks; 10m boxes
Knotted Chain
Product
Wire
Link
Code
Ø
Length
(mm)
(mm)
Steel
323 16
1.6
27
323 18
1.8
28
323 20
2.0
32
323 25
2.5
39
323 30
3.0
48
323 40
4.0
57
323 50
5.0
70
Finishes:
polished; zinc
Supplied: 10m or 30m hanks; 10m boxes
Curb Chain
Product
Size
Material x
Code
Links/inch
Steel - Unwelded
163 25
35/10
0.035 x 10
163 27
48/8
0.048 x 8
163 29
55/5
0.055 x 5
163 31
75/5
0.075 x 5
163 33
90/3
0.090 x 3
Finish:
nickel
Supplied: 25m hanks
Trace Chain
Product
Size
Material x
Code
Links/inch
Gilding Metal, Soldered
162 37
22/15
0.022 x 15
162 39
28/12
0.028 x 12
162 41
32/9
0.032 x 9
162 43
40/8
0.040 x 8
162 45
45/6
0.045 x 6
Finish:
polished
Supplied: 25m hanks
Product
Wire
Link
Code
Ø
Length
(mm)
(mm)
Brass - Single Link
301 16
1.6
19
301 20
2.0
21
301 25
2.5
25
Finish:
polished
Supplied: 10m hanks; 10m boxes
Product
Wire
Link
Code
Ø
Length
(mm)
(mm)
Steel - Double Link
303 50
1.6
17
303 53
2.0
19
303 55
2.5
25
303 57
3.0
30
Finishes:
polished; black; zinc
Supplied: 10m hanks; 10m boxes
Twisted Chain
Product
Wire
Link
Code
Ø
Length
(mm)
(mm)
Steel
183 62
1.6
25
Finish:
zinc
Supplied: 10m hanks
English Chain Co. Ltd.
Tel: 0845 3303 446
Fax: 0845 3303 447
email: sales@englishchain.co.uk
www.englishchain.co.uk
4
Since 1923



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com