Electronic Components Datasheet Search
  English  ▼

X  

MAGNOVA Datasheet(PDF) 7 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 7 Page - Batronix GmbH & Co. KG

Back Button MAGNOVA Datasheet HTML 3Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 4Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 10Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 11Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
77 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Trigger System
Trigger modes
Auto, normal, single
Trigger sources
Analog channels CH1-CH4, Digital channels D0-D15,
AC line, Decoder
Trigger level range
±4 div from center of screen
At AC line trigger source: fixed 50 %
Trigger accuracy
±0.000125 div
Trigger hysteresis / sensitivity
0 % up to 100 % of screen
Trigger holdoff range
By time: 8 ns up to 2.5 s
By events: 1 up to 1,000,000,000
Trigger coupling
Same as trigger channel coupling
Trigger bandwidth limit filter
Same as trigger channel bandwidth limit
Trigger jitter
< 2 ps
Display
Display size
15.6” (39.6 cm)
Display resolution
1920 * 1080 pixel (Full HD, 16:9)
Display touch
Capacitive touchscreen
Interpolation
Sin(x)/x, linear, hold, none
Color grading
Intensity, inverted intensity, 7-color heatmap, 5-color heatmap,
2-color heatmap
Persistence
Off, 100 ms up to 200 s, infinite
Grid
Grid type: none, simple, normal and fine
Grid intensity: Low and high
Reference point
Center, left border, right border, trigger
Color themes
Dark, light
High Resolution Oversampling
The signals are always processed and stored at 16 bits after they have been captured by the 12-bit ADC.
High-resolution oversampling by averaging successive samples is one way of utilising the high vertical resolu-
tion. Please note the limitation of the bandwidth due to the method. Alternatively, interpolation, averaging over
several waveforms and bandwidth filters also benefit from the 16-bit system architecture.
ADC resolution enhancement
by sample averaging
Filter length
Filter bandwidth at
1.0 GSa/s sampling rate
Filter bandwidth at
1.6 GSa/s sampling rate
12.5 bit
2
~ 220 MHz *
~ 352 MHz *
13.0 bit
4
~ 110 MHz *
~ 176 MHz *
13.5 bit
8
~ 55 MHz
~ 88 MHz
14.0 bit
16
~ 27.5 MHz
~ 44 MHz
14.5 bit
32
~ 13.8 MHz
~ 22 MHz
15.0 bit
64
~ 6.88 MHz
~ 11 MHz
15.5 bit
128
~ 3.44 MHz
~ 5.5 MHz
16 bit
256
~ 1.72 MHz
~ 2.75 MHz
* If the model bandwidth is smaller, this is applied first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com