Electronic Components Datasheet Search
  English  ▼

X  

MAGNOVA Datasheet(PDF) 12 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 12 Page - Batronix GmbH & Co. KG

Back Button MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 10Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 11Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 12Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 13Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 14Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 15Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 16Page - Batronix GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
12 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Decoding
Decoder channels
4
Sources for all decoders
Analog channels CH1-CH4
Digital channels D0-D15
Threshold settings
Separate upper and lower threshold settings for each analog
channel. At digital channels same level as set for the logic
probe.
I2C
Clock settings: Source, slope
Data settings: Source, active high/low
SPI
Chip select settings: Source or none (timeout), active high/low
Clock settings: Source, slope
MOSI and MISO settings: Source or none, active high/low
Timeout: 0 up to 1 ks
Bits: 1 up to 128
Bit order: MSB, LSB
UART
Rx/Tx settings: Source, active high/low
Baud rate: 1 up to 10 Mbps
Parity: None, even, odd, mark, space
Stop bits: 1, 1.5, 2
Bits: 4 up to 32
Bit order: MSB, LSB
CAN (CAN-FD)
Source Type: CAN-H, CAN-L
Baud rate: 1 bps up to 1 Mbps
Data baud rate at CAN-FD: 1 bps up to 8 Mbps
LIN
Channel: Source, active high/low
Version: 1.x, 2.x/J2602
Baud rate: 1 bps up to 8 Mbps
Parallel
Clock: Source or none (timeout), slope
Data: Source, active high/low
Bits: 1 up to 20
Number format
Binary, decimal, hexadecimal, ASCII
Features
Decoder table with time, type, address, data, error display.
Import/Export to trigger system.
For trigger possibilities see “trigger system” above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com