Electronic Components Datasheet Search
  English  ▼

X  

MAGNOVA Datasheet(PDF) 11 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 11 Page - Batronix GmbH & Co. KG

Back Button MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 10Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 11Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 12Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 13Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 14Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 15Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
11 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
RF Characteristics
Dynamic range
(measured at 100 mV/div)
105 dB between carrier at 50 MHz sine signal with 0 dBm (632
mVpp) and average noise level at 51 MHz.
Spurious-free dynamic range, excluding
harmonics (measured at 100 mV/div)
>80 dBc
Second harmonic distortion HD2
(measured at 100 mV/div)
-60 dBc at 10 MHz sine signal, level 0 dBm (632 mVpp)
-58 dBc at 50 MHz sine signal, level 0 dBm (632 mVpp)
-56 dBc at 100 MHz sine signal, level 0 dBm (632 mVpp)
Third harmonic distortion HD3
(measured at 100 mV/div)
-64 dBc at 10 MHz sine signal, level 0 dBm (632 mVpp)
-70 dBc at 50 MHz sine signal, level 0 dBm (632 mVpp)
-61 dBc at 100 MHz sine signal, level 0 dBm (632 mVpp)
FFT
Sources
Analog channels CH1-CH4
FFT channels
4
FFT length (sample points)
256 pts up to 8 Mpts per channel
Resolution bandwidth (RBW)
RBW = window shape factor * sampling rate / number of FFT
points
For example, with 8 Mpts and a rectangular window (shape
factor = 1.0), the RBW is 119.21 Hz at 1 GSa/s and 190.73 Hz at
1.6 GSa/s.
With downsampling (increasing the time scale), RBW values well
below 1 Hz become achievable.
Window types
Rectangle, Hann(ing), Hamming, Blackman, Flat Top, Gaussian,
Kaiser-Bessel
Horizontal axis
Center and span
Start and stop
Vertical axis
Logarithmic: dBm, dBv, dBmV, dBµV
Linear: V
Traces
Spectrum, Average, Min Hold, Max Hold
Peak tables
2 simultaneous peak tables
Area: Complete or span
Type: Max or min
Excursion and threshold
Spectrogram
Color grading: 7-color, 5-color, 2-color
Lower and upper threshold settings
Cursors And FFT Cursors/Markers
Cursor measurements
Period time and frequency for CH1-CH4, D0-D15, Ref, Math
Voltage levels and voltage difference for CH1-CH4, Ref, Math
Voltage levels and voltage difference in X/Y mode
Frequency and amplitudes for FFT1-FFT4
Cursor tracking
Voltage tracking for CH1-CH4, Ref, Math
Amplitude tracking for FFT1-FFT4
Marker measurements
Amplitude and frequency for FFT1-FFT4
Up to 10 markers for each FFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com