Electronic Components Datasheet Search
  English  ▼

X  

MAGNOVA Datasheet(PDF) 8 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 8 Page - Batronix GmbH & Co. KG

Back Button MAGNOVA Datasheet HTML 4Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 10Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 11Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 12Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
88 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Trigger Types
Edge
Sources: CH1-CH4, D0-D15, AC line
Slopes: Rising, falling, both and alternate
Nth Edge
Sources: CH1-CH4, D0-D15
Slopes: Rising, falling
Edge count: 1 up to 1,000,000,000
Timeout (Dropout)
Sources: CH1-CH4, D0-D15
Slopes: Rising, falling, both
Timeout: 1 ns up to 10 s
Delay
Sources: CH1-CH4, D0-D15, AC line
Slopes: Rising, falling
Time: Less than, greater than, inside, outside 1 ns up to 10 s
Window
Sources: CH1-CH4
Window type: Enter, leave
Time: None, less than, greater than, inside, outside 1 ns up to
10 s
Pulse (width)
Sources: CH1-CH4, D0-D15, AC line
Polarity: Positive, negative
Time: None, less than, greater than, inside, outside 1 ns up to
10 s
Slope (slew rate / rise time)
Sources: CH1-CH4
Slopes: Rising, falling
Time: Less than, greater than, inside, outside 1 ns up to 10 s
Interval (Period)
Sources: CH1-CH4, D0-D15, AC line
Polarity: Positive, negative
Time: Less than, greater than, inside, outside 1 ns up to 10 s
Setup & Hold
Sources: CH1-CH4, D0-D15, AC line
Clock slope: Rising, Falling
Types: Setup, hold, setup & hold
Time: 1 ns up to 10 s
Runt
Sources: CH1-CH4
Polarity: Positive, negative
Time: None, less than, greater than, inside, outside 1 ns up to
10 s
Pattern (duration / state)
Sources: CH1-CH4, D0-D15
Pattern logic: And, or, nand, nor
Signal: X, high, low
Clock: Rising, falling
Time: None, less than, greater than, inside, outside 1 ns up to
10 s
Decoder
SPI: Data on MOSI or MISO
I2C: Start, stop, restart, ack, nack, address, data, address &
data (direction read and/or write)
UART: Frame start, incomplete frame start, failed parity check,
incomplete frame detection, data
Parallel: Data
Instant
Fast triggering without referencing the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com