Electronic Components Datasheet Search
  English  ▼

X  

ADL5371 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5371
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5371 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5371 Datasheet HTML 12Page - Analog Devices ADL5371 Datasheet HTML 13Page - Analog Devices ADL5371 Datasheet HTML 14Page - Analog Devices ADL5371 Datasheet HTML 15Page - Analog Devices ADL5371 Datasheet HTML 16Page - Analog Devices ADL5371 Datasheet HTML 17Page - Analog Devices ADL5371 Datasheet HTML 18Page - Analog Devices ADL5371 Datasheet HTML 19Page - Analog Devices ADL5371 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADL5375
Rev. 0 | Page 16 of 32
ADL5375-15
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
–15
–10
–5
0
5
10
0.06
2
BASEBAND INPUT VOLTAGE (V rms)
CARRIER
FEEDTHROUGH (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
SIDEBAND
SUPPRESSION (dBc)
SSB OUTPUT
POWER (dBm)
Figure 40. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level
(fLO = 3500 MHz)
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
SECOND-ORDER
TA = +85°C
TA = –40°C
TA = +25°C
THIRD-ORDER
Figure 41. Second- and Third-Order Distortion vs. LO Frequency (fLO) and
Temperature (Baseband I/Q Amplitude = 1 V p-p Differential)
110
–3.5
–2.5
–1.5
–0.5
0.5
1.5
–70
–60
–50
–40
–30
100
–20
BASEBAND FREQUENCY (MHz)
SSB OUTPUT POWER (dBm)
CARRIER
FEEDTHROUGH (dBm)
SIDEBAND
SUPPRESSION (dBc)
SECOND-ORDER
DISTORTION (dBc)
Figure 42. Second-Order Distortion, Carrier Feedthrough, Sideband
Suppression, and SSB POUT vs. Baseband Frequency (fBB); fLO = 2140 MHz
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 43. OIP3 vs. LO Frequency (fLO) and Temperature (POUT ≈ −5 dBm @
fLO = 900 MHz)
0
10
20
30
40
50
60
70
80
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 44. OIP3 vs. LO Frequency (fLO) and Temperature (POUT ≈ −5 dBm @
fLO = 900 MHz)
–80
–70
–60
–50
–40
–30
–20
–6
–4
–2
0
2
4
6
–4
–3
–2
–1
0
1
2
LO AMPLITUDE (dBm)
CARRIER
FEEDTHROUGH (dBm)
SIDEBAND
SUPPRESSION (dBc)
SSB OUTPUT
POWER (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
Figure 45. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 900 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com