Electronic Components Datasheet Search
  English  ▼

X  

ADL5371 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5371
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5371 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5371 Datasheet HTML 18Page - Analog Devices ADL5371 Datasheet HTML 19Page - Analog Devices ADL5371 Datasheet HTML 20Page - Analog Devices ADL5371 Datasheet HTML 21Page - Analog Devices ADL5371 Datasheet HTML 22Page - Analog Devices ADL5371 Datasheet HTML 23Page - Analog Devices ADL5371 Datasheet HTML 24Page - Analog Devices ADL5371 Datasheet HTML 25Page - Analog Devices ADL5371 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADL5375
Rev. 0 | Page 22 of 32
OPTIMIZATION
The carrier feedthrough and sideband suppression performance of
the ADL5375 can be improved by using optimization techniques.
Carrier Feedthrough Nulling
Carrier feedthrough results from minute dc offsets that occur
between each of the differential baseband inputs. In an ideal
modulator, the quantities (VIBBP − VIBBN) and (VQBBP − VQBBN)
are equal to zero, which results in no carrier feedthrough. In a real
modulator, those two quantities are nonzero and, when mixed
with the LO, result in a finite amount of carrier feedthrough. The
ADL5375 is designed to provide a minimal amount of carrier
feedthrough. Should even lower carrier feedthrough levels be
required, minor adjustments can be made to the (VIBBP − VIBBN)
and (VQBBP − V QBBN) offsets. The I-channel offset is held constant,
while the Q-channel offset is varied until a minimum carrier
feedthrough level is obtained. The Q-channel offset required to
achieve this minimum is held constant, while the offset on the
I-channel is adjusted until a new minimum is reached. Through
two iterations of this process, the carrier feedthrough can be
reduced to as low as the output noise. The ability to null is
sometimes limited by the resolution of the offset adjustment.
Figure 55 illustrates the typical relationship between carrier
feedthrough and dc offset around the null.
–60
–88
–84
–80
–76
–72
–68
–64
–300 –240 –180 –120 –60
0
60
120
180
240
300
VP – VN OFFSET (µV)
Figure 55. Example of Typical Carrier Feedthrough vs. DC Offset Voltage
Using the ADL5375-05 version as an example, note that
throughout the nulling process, the dc bias for the base-
band inputs remains at 500 mV. When no offset is applied,
VIBBP = VIBBN = 500 mV, or
VIBBP − VIBBN = VIOS = 0 V
When an offset of +VIOS is applied to the I-channel inputs,
VIBBP = 500 mV + VIOS/2, and
VIBBN = 500 mV − VIOS/2, such that
VIBBP − VIBBN = VIOS
The same applies to the Q-channel. For the ADL5375-15, the
same theory applies except that
VIBBP = VIBBN = 1500 mV.
It is often desirable to perform a one-time carrier null calibra-
tion. This is usually performed at a given frequency and the
radio allowed to operate over a frequency range on each side
of that frequency. The nulled carrier feedthrough level degrades
somewhat as the LO frequency is moved away from the
frequency at which the null was performed. This variation is
very small across a 30 MHz or 60 MHz cellular band, however.
This small variation is due to the effects of LO-to-RF output
leakage around the package and on the board as the frequency
changes. Despite the degradation, the LO leakage can be
expected to be better than when no nulling is performed.
Sideband Suppression Optimization
Sideband suppression results from relative gain and relative
phase offsets between the I-channel and Q-channel and can
be suppressed through adjustments to those two parameters.
Figure 56 illustrates how sideband suppression is affected by
the gain and phase imbalances.
0dB
0.0125dB
0.025dB
0.05dB
0.125dB
0.25dB
0.5dB
1.25dB
2.5dB
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.01
0.1
1
10
100
PHASE ERROR (Degrees)
Figure 56. Sideband Suppression vs. Quadrature Phase Error for
Various Quadrature Amplitude Offsets
Figure 56 underlines the fact that adjusting only one parameter
improves the sideband suppression only to a point, unless the
other parameter is also adjusted. For example, if the amplitude
offset is 0.25 dB, improving the phase imbalance by better than
1° does not yield any improvement in the sideband suppression.
For optimum sideband suppression, an iterative adjustment
between phase and amplitude is required.
The sideband suppression nulling can be performed either
through adjusting the gain for each channel or through the
modification of the phase and gain of the digital data coming
from the baseband signal processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com