Electronic Components Datasheet Search
  English  ▼

X  

ADL5371 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5371
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5371 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5371 Datasheet HTML 13Page - Analog Devices ADL5371 Datasheet HTML 14Page - Analog Devices ADL5371 Datasheet HTML 15Page - Analog Devices ADL5371 Datasheet HTML 16Page - Analog Devices ADL5371 Datasheet HTML 17Page - Analog Devices ADL5371 Datasheet HTML 18Page - Analog Devices ADL5371 Datasheet HTML 19Page - Analog Devices ADL5371 Datasheet HTML 20Page - Analog Devices ADL5371 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADL5375
Rev. 0 | Page 17 of 32
ADL5375-15
–80
–70
–60
–50
–40
–30
–20
–6
–4
–2
0
2
4
6
–4
–3
–2
–1
0
1
2
LO AMPLITUDE (dBm)
CARRIER
FEEDTHROUGH (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
SIDEBAND
SUPPRESSION (dBc)
SSB OUTPUT
POWER (dBm)
Figure 46. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 2150 MHz)
–70
–60
–50
–40
–30
–20
–10
–6
–4
–2
0
2
4
6
–4
–3
–2
–1
0
1
2
LO AMPLITUDE (dBm)
CARRIER
FEEDTHROUGH (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
SIDEBAND
SUPPRESSION (dBc)
SSB OUTPUT
POWER (dBm)
Figure 47. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 3500 MHz)
180
185
190
195
200
205
210
215
220
225
230
TEMPERATURE (°C)
–40
25
85
VS = 5.25V
VS = 5.0V
VS = 4.75V
Figure 48. Power Supply Current vs. Temperature
–158.0 –157.8 –157.6 –157.4 –157.2 –157.0 –156.8 –156.6
0
2
4
6
8
10
12
14
16
18
NOISE (dBm/Hz)
Figure 49. 20 MHz Offset Noise Floor Distribution at fLO = 900 MHz
(I/Q Amplitude = 0 mV p-p with 1500 mV DC Bias)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com