Electronic Components Datasheet Search
  English  ▼

X  

ADL5371 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5371
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5371 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5371 Datasheet HTML 14Page - Analog Devices ADL5371 Datasheet HTML 15Page - Analog Devices ADL5371 Datasheet HTML 16Page - Analog Devices ADL5371 Datasheet HTML 17Page - Analog Devices ADL5371 Datasheet HTML 18Page - Analog Devices ADL5371 Datasheet HTML 19Page - Analog Devices ADL5371 Datasheet HTML 20Page - Analog Devices ADL5371 Datasheet HTML 21Page - Analog Devices ADL5371 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADL5375
Rev. 0 | Page 18 of 32
ADL5375-15
0
2
4
6
8
10
12
–158.5 –158.3 –158.1 –157.9 –157.7 –157.5 –157.3 –157.1
NOISE (dBm/Hz)
Figure 50. 20 MHz Offset Noise Floor Distribution at fLO = 2140 MHz
(I/Q Amplitude = 0 mV p-p with 1500 mV DC Bias)
NOISE (dBm/Hz)
0
1
2
3
4
5
6
7
8
9
–157.5
–157.1
–156.7
–156.3
–155.9
–155.5
Figure 51. 20 MHz Offset Noise Floor Distribution at fLO = 3500 MHz
(I/Q Amplitude = 0 mV p-p with 500 mV DC Bias)
74
76
78
80
82
84
86
88
90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.51.01.52.02.53.03.5 4.04.55.05.56.0
LO FREQUENCY (GHz)
SSB OUTPUT POWER ISOLATION (dB)
CARRIER FEEDTHROUGH (dBm)
Figure 52. SSB POUT Isolation and Carrier Feedthrough with DSOP High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com