Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IB Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS8370IB
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IB Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS8370IB Datasheet HTML 14Page - Texas Instruments ADS8370IB Datasheet HTML 15Page - Texas Instruments ADS8370IB Datasheet HTML 16Page - Texas Instruments ADS8370IB Datasheet HTML 17Page - Texas Instruments ADS8370IB Datasheet HTML 18Page - Texas Instruments ADS8370IB Datasheet HTML 19Page - Texas Instruments ADS8370IB Datasheet HTML 20Page - Texas Instruments ADS8370IB Datasheet HTML 21Page - Texas Instruments ADS8370IB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
tsu4
td6
tw5
tw5
SAMPLE
CONVERT
tCONV
Incomplete
Conversion
Incomplete
Conversion
tCONV
tacq1
td6
WAIT
SAMPLE
CONVERT
WAIT
CS
CONVST
CONVST_QUAL
(Device Internal)
DEVICE STATE
BUSY
DATA READ OPERATION
ADS8370
SLAS450 – JUNE 2005
4. Conversion abort command
An ongoing conversion can be aborted by using the conversion abort command. This is done by forcing
another start of conversion (a valid CONVST_QUAL falling edge) onto an ongoing conversion as shown in
Figure 44. The device enters the wait state after an aborted conversion. If the previous conversion was
successfully aborted, the device output reads 0xFF00 on SDO.
Figure 44. Conversion Abort
Data read control is independent of conversion control. Data can be read either during conversion or during
sampling. Data that is read during a conversion involves latency of one sample. The start of a new data frame
around the fall of BUSY is constrained by tsu2, tsu3, th2, and th8.
1. SPI Interface:
A data read operation in SPI interface mode is shown in Figure 45. FS must be tied high for operating in this
mode. The MSB of the output data is available at the falling edge of CS. MSB – 1 is shifted out at the first
rising edge after the first falling edge of SCLK after CS falling edge. Subsequent bits are shifted at the
subsequent rising edges of SCLK. If another data frame is attempted (by pulling CS high and subsequently
low) during an active data frame, then the ongoing frame is aborted and a new frame is started.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com