Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IB Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS8370IB
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS8370IB Datasheet HTML 10Page - Texas Instruments ADS8370IB Datasheet HTML 11Page - Texas Instruments ADS8370IB Datasheet HTML 12Page - Texas Instruments ADS8370IB Datasheet HTML 13Page - Texas Instruments ADS8370IB Datasheet HTML 14Page - Texas Instruments ADS8370IB Datasheet HTML 15Page - Texas Instruments ADS8370IB Datasheet HTML 16Page - Texas Instruments ADS8370IB Datasheet HTML 17Page - Texas Instruments ADS8370IB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
www.ti.com
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
16384
32768
49152
65536
Code
+VA = 5 V, +VBD = 5 V,
REFIN = 4.096 V,
fS = 600 KSPS,
TA = 25°C
(Straight Binary Code in Decimal)
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50000
100000
150000
200000
250000
300000
f − Frequency − Hz
+VA = 5 V, +VBD = 5 V,
REFIN = 4.096 V,
fS = 600 KSPS,
TA = 25°C
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
20
0
50000
100000
150000
200000
250000
300000
f − Frequency − Hz
+VA = 5 V, +VBD = 5 V,
REFIN = 4.096 V,
fS = 600 KSPS,
TA = 25°C
ADS8370
SLAS450 – JUNE 2005
TYPICAL CHARACTERISTICS (continued)
INTEGRAL NONLINEARITY
Figure 35.
FFT (100 kHz Input)
Figure 36.
FFT (10 kHz Input)
Figure 37.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com