Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IB Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS8370IB
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IB Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS8370IB Datasheet HTML 22Page - Texas Instruments ADS8370IB Datasheet HTML 23Page - Texas Instruments ADS8370IB Datasheet HTML 24Page - Texas Instruments ADS8370IB Datasheet HTML 25Page - Texas Instruments ADS8370IB Datasheet HTML 26Page - Texas Instruments ADS8370IB Datasheet HTML 27Page - Texas Instruments ADS8370IB Datasheet HTML 28Page - Texas Instruments ADS8370IB Datasheet HTML 29Page - Texas Instruments ADS8370IB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
www.ti.com
APPLICATION INFORMATION
EXAMPLE DIGITAL STIMULUS
SDO
D15
MSB
2
3
16
SCLK
D13
D14
D1
D2
D0
LSB
SAMPLE
CONVERT
BUSY
CONVERT
485 ns
15 ns
15 ns
80 ns
50 ns
25 ns
12.5 ns
DEVICE STATE
CONVST
Frequency = 600 kHz
CS
15
ADS8370
SLAS450 – JUNE 2005
Table 3. Power Supply Decoupling Capacitor Placement
CONVERTER DIGITAL
SUPPLY PINS
CONVERTER ANALOG SIDE
SIDE
Pair of pins requiring a shortest path to
(2,3); (5,6); (15,16); (17,18)
(20,21)
decoupling capacitors
Pins requiring no decoupling
4, 14, 19
When using the internal reference, ensure a shortest path from REFOUT (pin 9) to REFIN (pin 8) with the
bypass capacitor directly between pins 8 and 7.
The use of the ADS8370 is very straightforward. The following timing diagram shows one example of how to
achieve a 600-KSPS throughput using a SPI compatible serial interface.
Figure 56. Example Stimulus in SPI Mode (FS =1), Back-To-Back Conversion that Achieves 600 KSPS
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com