Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IB Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS8370IB
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IB Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS8370IB Datasheet HTML 16Page - Texas Instruments ADS8370IB Datasheet HTML 17Page - Texas Instruments ADS8370IB Datasheet HTML 18Page - Texas Instruments ADS8370IB Datasheet HTML 19Page - Texas Instruments ADS8370IB Datasheet HTML 20Page - Texas Instruments ADS8370IB Datasheet HTML 21Page - Texas Instruments ADS8370IB Datasheet HTML 22Page - Texas Instruments ADS8370IB Datasheet HTML 23Page - Texas Instruments ADS8370IB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
www.ti.com
CS
CONVST
SDO
D15
1
16
17
18
19
SCLK
LSB
BUSY
D0
D14
D13
Conversion N+1
D12
D1
D0
D0
th6
tsu7
tcyc
tsu6
tw3
td15
MSB of Conversion N−1
MSB of Conversion N
td13
td7
th8
tsu3
D15 Repeated
No FS
Fall
Zone
FS Fall After This
Point Reads Data
From Conversion
N
FS Fall Before This
Point Reads Data
From Conversion
N−1
If There is 19th SCLK
Conversion N
tquiet2
tquiet1
FS
tquiet3
2
3
4
Don’t Care
(D0 Repeated)
PRINCIPLES OF OPERATION
REFERENCE
ADS8370
SLAS450 – JUNE 2005
Figure 47. Read Frame Controlled via FS (FS is High When BUSY Falls)
If another data frame is attempted by pulling up FS during an active data frame, then the ongoing frame is
aborted and a new frame is started.
The ADS8370 is a high-speed successive approximation register (SAR) analog-to-digital converter (ADC). The
architecture is based on charge redistribution, which inherently includes a sample/hold function.
The device includes a built-in conversion clock, internal reference, and 40-MHz SPI compatible serial interface.
The maximum conversion time is 1.16
µs which is capable of sustaining a 600-kHz throughput.
The analog input is provided to the two input pins: +IN and –IN. When a conversion is initiated, the differential
input on these pins is sampled on the internal capacitor array. While a conversion is in progress, both inputs are
disconnected from any internal function.
The ADS8370 has a built-in 4.096-V (nominal value) reference but can operate with an external reference also.
When the internal reference is used, pin 9 (REFOUT) should be shorted to pin 8 (REFIN) and a 0.1-µF
decoupling capacitor and a 1-µF storage capacitor must be connected between pin 8 (REFIN) and pin 7 (REFM)
(see Figure 48). The internal reference of the converter is buffered.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com