Electronic Components Datasheet Search
  English  ▼

X  

ADS6145 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6145
Description  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6145 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS6145 Datasheet HTML 9Page - Texas Instruments ADS6145 Datasheet HTML 10Page - Texas Instruments ADS6145 Datasheet HTML 11Page - Texas Instruments ADS6145 Datasheet HTML 12Page - Texas Instruments ADS6145 Datasheet HTML 13Page - Texas Instruments ADS6145 Datasheet HTML 14Page - Texas Instruments ADS6145 Datasheet HTML 15Page - Texas Instruments ADS6145 Datasheet HTML 16Page - Texas Instruments ADS6145 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
www.ti.com
SERIAL INTERFACE
SCLK
SEN
A 4
A3
A 2
A 1
A 0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
REGISTER ADDRESS
REGISTERDATA
SDATA
RESET
t
SCLK
t
DSU
t
DH
t
SLOADS
t
SLOADH
REGISTER INITIALIZATION
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198A – JULY 2007 – REVISED OCTOBER 2007
Table 3. SDATA, PDN Control Pins
SDATA
PDN
DESCRIPTION
Low
Low
Normal operation
Low
High (AVDD)
Standby - only the ADC is powered down
High (AVDD)
Low
Output buffers are powered down, fast wake-up time
High (AVDD)
High (AVDD)
Global power down. ADC, internal reference, and output buffers are powered down, slow wake-up time
The ADC has a set of internal registers, which can be accessed through the serial interface formed by pins SEN
(Serial interface Enable), SCLK (Serial Interface Clock), SDATA (Serial Interface Data) and RESET. After device
power-up, the internal registers must be reset to their default values by applying a high-going pulse on RESET
(of width greater than 10 ns).
Serial shift of bits into the device is enabled when SEN is low. Serial data SDATA is latched at every falling edge
of SCLK when SEN is active (low). The serial data is loaded into the register at every 16th SCLK falling edge
when SEN is low. If the word length exceeds a multiple of 16 bits, the excess bits are ignored. Data is loaded in
multiples of 16-bit words within a single active SEN pulse.
The first 5 bits form the register address and the remaining 11 bits form the register data.
The interface can work with a SCLK frequency from 20 MHz down to very low speeds (a few hertz) and also with
a non-50% SCLK duty cycle.
Figure 5. Serial Interface Timing Diagram
After power-up, the internal registers must be reset to their default values. This is done in one of two ways:
1. Either through a hardware reset by applying a high-going pulse on the RESET pin (width greater than 10 ns)
as shown in Figure 5.
OR
2. By applying a software reset. Using the serial interface, set the <RST> bit (D4 in register 0x00) to high. This
initializes the internal registers to their default values and then self-resets the <RST> bit to low. In this case
the RESET pin is kept low.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com