Electronic Components Datasheet Search
  English  ▼

X  

ADS6145 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6145
Description  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6145 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS6145 Datasheet HTML 12Page - Texas Instruments ADS6145 Datasheet HTML 13Page - Texas Instruments ADS6145 Datasheet HTML 14Page - Texas Instruments ADS6145 Datasheet HTML 15Page - Texas Instruments ADS6145 Datasheet HTML 16Page - Texas Instruments ADS6145 Datasheet HTML 17Page - Texas Instruments ADS6145 Datasheet HTML 18Page - Texas Instruments ADS6145 Datasheet HTML 19Page - Texas Instruments ADS6145 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
www.ti.com
DESCRIPTION OF SERIAL REGISTERS
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198A – JULY 2007 – REVISED OCTOBER 2007
Each register function is explained in detail.
Table 5.
A4–A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
00
<PDN OBUF>
<COARSE
<LVDS CMOS>
0
0
<REF>
<RST>
0
<PDN CLKOUT>
0
<STBY>
Output buffers
GAIN>
LVDS or CMOS
Internal or
Software
Output clock
ADC Power
powered down
Coarse gain
Output interface
external
reset
buffer powered
down
reference
down
D0
<STBY> Power down modes
0
Normal operation
1
Device enters standby mode where only ADC is powered down.
D2
<PDN CLKOUT> Power down modes
0
Output clock is active (on CLKOUT pin)
1
Output clock buffer is powered down and becomes three-stated. Data outputs are unaffected.
D4
<RST>
1
Software reset applied - resets all internal registers and the bit self-clears to 0.
D5
<REF> Reference selection
0
Internal reference enabled
1
External reference enabled
D8
<LVDS CMOS> Output Interface selection
0
Parallel CMOS interface
1
DDR LVDS Interface
D9
<COARSE GAIN> Gain programming
0
0 dB Coarse gain
1
3.5 dB Coarse gain
D10
<PDN OBUF> Power down modes
0
Output data and clock buffers enabled
1
Output data and clock buffers disabled
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com