Electronic Components Datasheet Search
  English  ▼

X  

ADS6145 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6145
Description  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6145 Datasheet(HTML) 3 Page - Texas Instruments

  ADS6145 Datasheet HTML 1Page - Texas Instruments ADS6145 Datasheet HTML 2Page - Texas Instruments ADS6145 Datasheet HTML 3Page - Texas Instruments ADS6145 Datasheet HTML 4Page - Texas Instruments ADS6145 Datasheet HTML 5Page - Texas Instruments ADS6145 Datasheet HTML 6Page - Texas Instruments ADS6145 Datasheet HTML 7Page - Texas Instruments ADS6145 Datasheet HTML 8Page - Texas Instruments ADS6145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198A – JULY 2007 – REVISED OCTOBER 2007
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
TEMPERATURE
LEAD
DESIGNATOR
MARKING
NUMBER
QUANTITY
RANGE
ADS6145IRHBT
Tape and Reel, 250
ADS6145
QFN-32(2)
RHB
–40
°C to 85°C
AZ6145
ADS6145IRHBR
Tape and Reel, 3000
ADS6144IRHBT
Tape and Reel, 250
ADS6144
QFN-32(2)
RHB
–40
°C to 85°C
AZ6144
ADS6144IRHBR
Tape and Reel, 3000
ADS6143IRHBT
Tape and Reel, 250
ADS6143
QFN-32(2)
RHB
–40
°C to 85°C
AZ6143
ADS6143IRHBR
Tape and Reel, 3000
ADS6142IRHBT
Tape and Reel, 250
ADS6142(3)
QFN-32(2)
RHB
–40
°C to 85°C
AZ6142
ADS6142IRHBR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θ
JA = 34 °C/W (0 LFM air flow),
θ
JC = 30 °C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in × 3 in (7.62 cm ×
7.62 cm) PCB.
(3)
Product preview
VALUE
UNIT
Supply voltage range, AVDD
–0.3 to 3.9
V
VI
Supply voltage range, DRVDD
–0.3 to 3.9
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD
–0.3 to 3.3
V
Voltage applied to VCM pin (in external reference mode)
–0.3 to 2
V
Voltage applied to analog input pins, INP and INM
–0.3 to minimum ( 3.6, AVDD + 0.3)
V
Voltage applied to analog input pins, CLKP and CLKM
–0.3 to (AVDD + 0.3)
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com