Electronic Components Datasheet Search
  English  ▼

X  

UCC3921 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3921 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3921 Datasheet HTML 1Page - Texas Instruments UCC3921 Datasheet HTML 2Page - Texas Instruments UCC3921 Datasheet HTML 3Page - Texas Instruments UCC3921 Datasheet HTML 4Page - Texas Instruments UCC3921 Datasheet HTML 5Page - Texas Instruments UCC3921 Datasheet HTML 6Page - Texas Instruments UCC3921 Datasheet HTML 7Page - Texas Instruments UCC3921 Datasheet HTML 8Page - Texas Instruments UCC3921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
UCC1921
UCC2921
UCC3921
ELECTRICAL CHARACTERISTICS Unless otherwise specified, TA = 0°C to 70°C for the UCC3921 and –40°C to 85°C
for the UCC2921, and –55°C to 125°C for the UCC1921; IVDD = 2mA, CT = 1nF (the minimum allowable value), there is no
resistor connected between the SDFLTCH and VSS pins. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD Section
IDD
12
mA
Regulator Voltage
ISOURCE = 2mA
9
9.5
10.0
V
ISOURCE = 10mA
9.15
9.6
10.15
V
UVLO Off Voltage
67
8
V
Fault Timing Section
Overcurrent Threshold
TJ = 25°C
47.5
50
53.5
mV
Over Operating Temperature
46
50
53.5
mV
Overcurrent Input Bias
50
500
nA
CT Charge Current
VCT = 1V, IPL = 0
–50
–36
–22
µA
Overload Condition, VSENSE -VIMAX = 300mV
–1.7
–1.2
–0.7
mA
CT Discharge Current
VCT = 1V, IPL = 0
0.6
1
1.5
µA
CT Fault Threshold
2.2
2.45
2.6
V
CT Reset Threshold
0.41
0.49
0.57
V
Output Duty Cycle
Fault Condition, IPL = 0
1.7
2.7
3.7
%
CONNECTION DIAGRAM
DIL-8 , SOIC-8 (Top View)
NorJ, D Packages
ABSOLUTE MAXIMUM RATINGS
IVDD.......................................... 50mA
SDFLTCH Current .............................. 10mA
PL Current .................................... 10mA
IMAX Input Voltage ..............................VDD
Storage Temperature ...................
−65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
All voltages are with respect to VSS (the most negative voltage).
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations and
considerations of packages.
dropout. The fault current level is set with an external
current sense resistor, while the maximum allowable
sourcing current is programmed with a voltage divider
from VDD to generate a fixed voltage on IMAX. The cur-
rent level, when the output acts as a current source, is
equal to VIMAX/RSENSE. If desired, a controlled current
start up can be programmed with a capacitor on IMAX.
When the output current is below the fault level, the out-
put device is switched on. When the output current ex-
ceeds the fault level, but is less than the maximum
sourcing level programmed by IMAX, the output remains
switched on, and the fault timer starts charging CT. Once
CT charges to 2.5V, the output device is turned off and
performs a retry some time later (provided that the se-
lected mode of operation is Automatic Retry Mode).
When the output current reaches the maximum sourcing
current level, the output acts as a current source, limiting
the output current to the set value defined by IMAX.
Other features of the UCC3921 include undervoltage
lockout, 8-pin Small Outline (SOIC) and Dual-In-Line
(DIL) packages, and a Latched Operation Mode option,
in which the output is latched off once CT charges to
2.5V and stays off until either SDFLTCH is toggled (for
greater than 1ms) or the IC is powered down and then
back up.
DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com