Electronic Components Datasheet Search
  English  ▼

X  

UCC3921 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3921 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3921 Datasheet HTML 3Page - Texas Instruments UCC3921 Datasheet HTML 4Page - Texas Instruments UCC3921 Datasheet HTML 5Page - Texas Instruments UCC3921 Datasheet HTML 6Page - Texas Instruments UCC3921 Datasheet HTML 7Page - Texas Instruments UCC3921 Datasheet HTML 8Page - Texas Instruments UCC3921 Datasheet HTML 9Page - Texas Instruments UCC3921 Datasheet HTML 10Page - Texas Instruments UCC3921 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
UCC1921
UCC2921
UCC3921
During a fault, CT will charge at a rate determined by the
internal charging current and the external timing capaci-
tor. Once CT charges to 2.5V, the fault comparator
switches and sets the fault latch. Setting of the fault latch
causes both the output to switch off and the charging
switch to open. CT must now discharge with the 1
µA cur-
rent source, I2, until 0.5V is reached. Once the voltage at
CT reaches 0.5V, the fault latch resets, which re-enables
the output and allows the fault circuitry to regain control
of the charging switch. If a fault is still present, the fault
comparator will close the charging switch causing the cy-
cle to repeat. Under a constant fault, the duty cycle is
given by:
Duty Cycle
A
IA
PL
=
+
1
36
µ
µ
Average power dissipation in the pass element is given
by:
PV
I
A
IA
FET
FET
MAX
PL
)8/ =•
•
+
1
36
µ
µ
Where VFET>>5V IPL can be approximated as:
V
R
FET
PL
and where IPL>>36µA, the duty cycle can be approxi-
mated as :
1µAR
V
PL
FET
•
Therefore, the maximum average power dissipation in
the MOSFET can be approximated by:
PV
I
AR
V
IMAX
A R
FET
FET
MAX
PL
FET
PL
)8/ =•
•
•
=•
•
1
1
µ
µ
Notice that in the approximation, VFET cancels, thereby
limiting the average power dissipation in the NMOS pass
element.
Overload Comparator
The linear amplifier in the UCC3921 ensures that the
output NMOS does not pass more than IMAX (which is
VIMAX/RSENSE). In the event the output current exceeds
the programmed IMAX by 0.2V/RSENSE, which can only
occur if the output FET is not responding to a command
from the IC, CT will begin charging with I3, 1mA, and
continue to charge to approximately 8V. This allows a
constant fault to show up on the SDFLTCH pin, and also
since the voltage on CT will continue charging past 2.5V
in an overload fault mode, it can be used for detection of
output FET failure or to build redundancy into the sys-
tem.
Determining External Component Values
To set RVDD (see Fig. 4) the following must be achieved:
V
R
V
RR
mA
IN
VDD
min >
+
+
10
12
2
In order to estimate the minimum timing capacitor, CT,
several things must be taken into account. For example,
given the schematic in Figure 4 as a possible (and at this
point, a standard) application, certain external compo-
nent values must be known in order to estimate CTMIN.
Now, given the values of COUT, Load, RSENSE,VSS, and
the resistors determining the voltage on the IMAX pin,
the user can calculate the approximate startup time of
the node VOUT. This startup time must be faster than the
time it takes for CT to charge to 2.5V (relative to VSS),
and is the basis for estimating the minimum value of CT.
In order to determine the value of the sense resistor,
RSENSE, assuming the user has determined the fault cur-
rent, RSENSE can be calculated by:
R
mV
I
SENSE
FAULT
= 50
Next, the variable IMAX must be calculated. IMAX is the
maximum current that the UCC3921 will allow through
the transistor, M1, and it can be shown that during
startup with an output capacitor the power MOSFET, M1,
can be modeled as a constant current source of value
IMAX where
I
V
R
MAX
IMAX
SENSE
=
where VIMAX = voltage on pin IMAX.
Given this information, calculation of the startup time is
now possible via the following:
APPLICATION INFORMATION (continued)
Figure 4.
UDG-96278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com